Electronic Components Datasheet Search
  English  ▼

X  

LMV1099 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMV1099
Description  LMV1099 Uplink Far Field Noise Suppression and Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1099 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV1099 Datasheet HTML 7Page - Texas Instruments LMV1099 Datasheet HTML 8Page - Texas Instruments LMV1099 Datasheet HTML 9Page - Texas Instruments LMV1099 Datasheet HTML 10Page - Texas Instruments LMV1099 Datasheet HTML 11Page - Texas Instruments LMV1099 Datasheet HTML 12Page - Texas Instruments LMV1099 Datasheet HTML 13Page - Texas Instruments LMV1099 Datasheet HTML 14Page - Texas Instruments LMV1099 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
OUTPUT POWER (mW)
0
50
100
150
200
250
0
20 40 60 80 100 120 140 160 180 200
OUTPUT POWER (mW)
0.01
0.1
1
10
100
0.001
0.01
0.1
1
INPUT VOLTAGE (VP-P)
0.01
0.1
1
10
100
0.001
0.01
0.1
1
INPUT VOLTAGE (VP-P)
0.01
0.1
1
10
0.001
0.01
0.1
OUTPUT POWER (W)
0.01
0.1
1
10
0.001
0.01
0.1
OUTPUT POWER (W)
LMV1099
www.ti.com
SNAS490D – JULY 2010 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, TJ = 25°C, VDD = 3.6V. Uplink Path: Input Voltage = 18mVP-P, f =1 kHz, pass through mode (Note
8), Pre Amp gain = 20dB, Post Amp gain = 6dB, RL = 100kΩ, and CL = 4.7pf. Downlink Path: RL = 32Ω, f = 1kHz, SNR
Enhancer disabled.
THD+N vs Output Power
THD+N vs Output Power
VDD = 3.6V, Downlink Path
VDD = 5V, Downlink Path
Figure 11.
Figure 12.
THD+N vs Input Voltage
THD+N vs Input Voltage
Mic1 Noise Cancelling Mode
Mic2 Noise Cancelling Mode
Mic2 = AC GND, Uplink Path
Mic1 = AC GND, Uplink Path
Figure 13.
Figure 14.
Output Power vs Power Dissipation
Output Power vs Power Dissipation
VDD = 3.6V, Downlink Path
VDD = 5V, Downlink Path
Figure 15.
Figure 16.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV1099



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com