Electronic Components Datasheet Search
  English  ▼

X  

LP3958 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP3958
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3958 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3958 Datasheet HTML 2Page - Texas Instruments LP3958 Datasheet HTML 3Page - Texas Instruments LP3958 Datasheet HTML 4Page - Texas Instruments LP3958 Datasheet HTML 5Page - Texas Instruments LP3958 Datasheet HTML 6Page - Texas Instruments LP3958 Datasheet HTML 7Page - Texas Instruments LP3958 Datasheet HTML 8Page - Texas Instruments LP3958 Datasheet HTML 9Page - Texas Instruments LP3958 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
SW
GND_SW
MAIN
GND_WLED
SUB
GND_KEY
KEY1
KEY2
KEY3
FB
VDD1
D
A
8-Bit
IDAC
8-Bit
IDAC
MCU
SCL
SDA
LDO
BIAS
REF
THSD
POR
OSC
I
2C
BRIGHTNESS
CONTROL
CONTROL
BG
BOOST
PWM
NRST
VDDIO
IKEY
IRT
VDDA
VREF
VDD2
Logic supply
GND
GPIO[0]/PWM
GPIO[1]
GPIO[2]
D
A
Li-Ion
Battery
or
Charger
= 70 mA
= 8...18 V
10 é
F
L1
10 PH
SUB
BACKLIGHT
0...25 mA/LED
MAIN
BACKLIGHT
0...25 mA/LED
100 nF
D1
100 nF
100 nF
1 PF
2 x 4.7 éF
100 pF
390:
Optional EMI FILTER,
close to SW pin
COUT
IMAX
VOUT
RSW
CSW
CVDDA
CIN
CVDD
CVREF
RKEY
RRT
RSDA
VDDIO
CVDDIO
3 STRINGS
OF 4 LEDS
FOR KEYPAD
LP3958
SNVS423C – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com