Electronic Components Datasheet Search
  English  ▼

X  

LP3958 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP3958
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3958 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3958 Datasheet HTML 4Page - Texas Instruments LP3958 Datasheet HTML 5Page - Texas Instruments LP3958 Datasheet HTML 6Page - Texas Instruments LP3958 Datasheet HTML 7Page - Texas Instruments LP3958 Datasheet HTML 8Page - Texas Instruments LP3958 Datasheet HTML 9Page - Texas Instruments LP3958 Datasheet HTML 10Page - Texas Instruments LP3958 Datasheet HTML 11Page - Texas Instruments LP3958 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
VDD1,2
VDDIO
0V
0V
VDD
VDDIO
LP3958
SNVS423C – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
Power-Up Sequence
When powering up the device, VDD1 and VDD2 should be greater than VDDIO to prevent any damage to the device.
Magnetic Boost DC/DC Converter
The LP3958 Boost DC/DC Converter generates an 8…18V supply voltage for the LEDs from single Li-Ion battery
(3V…4.5V). The output voltage is controlled with an 8-bit register in 10 steps. The converter is a magnetic
switching PWM mode DC/DC converter with a current limit. Switching frequency is 1MHz, when timing resistor
RT is 82k
Ω. Timing resistor defines the internal oscillator frequency and thus directly affects boost frequency and
KEY timings.
EMI filter (RSW and CSW) on the SW pin can be used to suppress EMI caused by fast switching. These
components should be as near as possible to the SW pin to ensure reliable operation. The LP3958 Boost
Converter uses pulse-skipping elimination to stabilize the noise spectrum. Even with light load or no load a
minimum length current pulse is fed to the inductor. An active load is used to remove the excess charge from the
output capacitor at very light loads. Active load can be disabled with the EN_AUTOLOAD bit. Disabling active
load will increase slightly the efficiency at light loads, but the downside is that pulse skipping will occur. The
Boost Converter should be stopped when there is no load to minimise the current consumption.
The topology of the magnetic boost converter is called CPM control, current programmed mode, where the
inductor current is measured and controlled with the feedback. The user can program the output voltage of the
boost converter. The output voltage control changes the resistor divider in the feedback loop. Figure 3 shows the
boost topology with the protection circuitry. Four different protection schemes are implemented:
1. Over voltage protection, limits the maximum output voltage
–
Keeps the output below breakdown voltage.
–
Prevents boost operation if battery voltage is much higher than desired output.
2. Over current protection, limits the maximum inductor current
–
Voltage over switching NMOS is monitored; too high voltages turn the switch off.
3. Feedback break protection. Prevents uncontrolled operation if FB pin gets disconnected.
4. Duty cycle limiting, done with digital control.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com