Electronic Components Datasheet Search
  English  ▼

X  

LP3958 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP3958
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3958 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3958 Datasheet HTML 5Page - Texas Instruments LP3958 Datasheet HTML 6Page - Texas Instruments LP3958 Datasheet HTML 7Page - Texas Instruments LP3958 Datasheet HTML 8Page - Texas Instruments LP3958 Datasheet HTML 9Page - Texas Instruments LP3958 Datasheet HTML 10Page - Texas Instruments LP3958 Datasheet HTML 11Page - Texas Instruments LP3958 Datasheet HTML 12Page - Texas Instruments LP3958 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
+
-
+
-
+
-
+
-
V
OUT
V
IN
FB
SW
R
S
R
R
R
Duty control
1 MHz clock
OVPCOMP
ERRORAMP
SLOPER
OLPCOMP
RESETCOMP
LOOPC
+
-
ACTIVE
LOAD
SWITCH
+
-
UVCOMP
2V
+
-
R
IMAX
OCPCOMP
R
LP3958
www.ti.com
SNVS423C – JANUARY 2006 – REVISED MARCH 2013
Figure 3. Boost Converter Topology
MAGNETIC BOOST DC/DC CONVERTER ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
ILOAD
Maximum Continuous Load
3.0V = VIN
70
mA
Current
VOUT = 18V
VOUT
Output Voltage Accuracy
3.0V
≤ VIN ≤ 5.5V
−3.5
+3.5
%
(FB Pin)
VOUT = 18V
RDSON
Switch ON Resistance
ISW = 0.5A
0.15
0.3
Ω
fPWM
PWM Mode Switching
RT = 82 k
Ω
1.0
MHz
Frequency
Frequency Accuracy
RT = 82 k
Ω
−7
+7
%
−9
+9
tPULSE
Switch Pulse Minimum
no load
45
ns
Width
tSTARTUP
Startup Time
Boost startup from STANDBY to VOUT = 18V,
15
ms
no load
IMAX
SW Pin Current Limit
800
1150
mA
BOOST STANDBY MODE
User can set the Boost Converter to STANDBY mode by writing the register bit EN_BOOST low. When
EN_BOOST is written high, the converter starts for 20ms in low current PWM mode and then goes to normal
PWM mode. All LED outputs are off during the 20ms delay to ensure smooth startup.
BOOST OUTPUT VOLTAGE CONTROL
User can control the boost output voltage by Boost Output 8-bit register.
Boost Output [7:0]
Boost Output
Register 0DH
Voltage (typical)
Bin
Dec
0000 1000
8
8.0V
0000 1001
9
9.0V
0000 1010
10
10.0V
0000 1011
11
11.0V
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com