Electronic Components Datasheet Search
  English  ▼

X  

LP3958 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3958
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3958 Datasheet(HTML) 1 Page - Texas Instruments

  LP3958 Datasheet HTML 1Page - Texas Instruments LP3958 Datasheet HTML 2Page - Texas Instruments LP3958 Datasheet HTML 3Page - Texas Instruments LP3958 Datasheet HTML 4Page - Texas Instruments LP3958 Datasheet HTML 5Page - Texas Instruments LP3958 Datasheet HTML 6Page - Texas Instruments LP3958 Datasheet HTML 7Page - Texas Instruments LP3958 Datasheet HTML 8Page - Texas Instruments LP3958 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
3 STRINGS
OF 4 LEDS
FOR
KEYPAD
LP3958
SW
MAIN
SUB
KEY1
KEY2
KEY3
Li-Ion Battery
or Charger
= 70 mA
= 8...18 V
FB
VDD2
10 F
L1
10 PH
P
MCU
SCL
SDA
SUB
BACKLIGHT
0...25 mA/LED
MAIN
BACKLIGHT
0...25 mA/LED
NRST
VDDIO
IKEY
IRT
VDDA
100 nF
VREF
D1
VDD1
100 nF
GND 1-5
100 nF
1 PF
GPIO[0]/PWM
GPIO[1]
GPIO[2]
2 x 4.7 éF
COUT
IMAX
VOUT
CVDDA
CIN
CVDD
CVREF
RKEY
RRT
RSDA
VDDIO
CVDDIO
LP3958
www.ti.com
SNVS423C – JANUARY 2006 – REVISED MARCH 2013
Lighting Management Unit with High Voltage Boost Converter
Check for Samples: LP3958
1
FEATURES
DESCRIPTION
LP3958 is a Lighting Management Unit for portable
2
•
High-Efficiency Boost Converter With
applications. It is used to drive display backlight and
Programmable Output Voltage
keypad LEDs. The device can drive 5 separately
•
Two Individual Drivers for Serial Display
connected strings of LEDs with high voltage boost
Backlight LEDs
converter.
•
Three Drivers for Serial Keypad LEDs
The keypad LED driver allows driving LEDs from high
•
Automatic Dimming Controller
voltage
boost
converter
or
separate
supply
voltage.The
MAIN
and
SUB
outputs
are
high
•
Stand Alone Serial Leypad LEDs Controller
resolution current mode drivers. Keypad LED outputs
•
Three General-Purpose IO Pins
can be used in switch mode and current mode.
•
25-Bump DSBGA Package: 2.54mm x 2.54mm
External PWM control can be used for any selected
x 0.6mm
outputs.
The device is controlled through 2-wire low voltage
APPLICATIONS
I2C compatible interface that reduces the number of
•
Cellular Phones and PDAs
required connections.
•
MP3 Players
LP3958 is offered in a tiny 25-bump DSBGA
package.
•
Digital Cameras
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3958

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3958 NSC-LP3958 Datasheet
1Mb / 28P
Lighting Management Unit with High Voltage Boost Converter
logo
Texas Instruments
LP3958 TI1-LP3958 Datasheet
1Mb / 36P
Lighting Management Unit with High Voltage Boost Converter
logo
National Semiconductor ...
LP3958TL NSC-LP3958TL Datasheet
1Mb / 28P
Lighting Management Unit with High Voltage Boost Converter
logo
Texas Instruments
LP3958TL/NOPB TI1-LP3958TL/NOPB Datasheet
1Mb / 36P
Lighting Management Unit with High Voltage Boost Converter
logo
National Semiconductor ...
LP3958TLX NSC-LP3958TLX Datasheet
1Mb / 28P
Lighting Management Unit with High Voltage Boost Converter
More results

Similar Description - LP3958

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3681 AMSCO-AS3681 Datasheet
307Kb / 4P
Power AND Lighting Management Unit
logo
National Semiconductor ...
LP5526 NSC-LP5526 Datasheet
1Mb / 33P
Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
LP3954 NSC-LP3954 Datasheet
6Mb / 56P
Advanced Lighting Management Unit
LP3958 NSC-LP3958 Datasheet
1Mb / 28P
Lighting Management Unit with High Voltage Boost Converter
LP39542 NSC-LP39542 Datasheet
2Mb / 58P
Advanced Lighting Management Unit
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
Flexible Lighting Management Unit
logo
Texas Instruments
LP5526 TI1-LP5526 Datasheet
1Mb / 39P
Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
LP3954 TI1-LP3954 Datasheet
1Mb / 60P
Advanced Lighting Management Unit
LP3958 TI1-LP3958 Datasheet
1Mb / 36P
Lighting Management Unit with High Voltage Boost Converter
LP5526 TI1-LP5526_15 Datasheet
1Mb / 41P
Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com