Electronic Components Datasheet Search
  English  ▼

X  

LP3958 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3958
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3958 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3958 Datasheet HTML 6Page - Texas Instruments LP3958 Datasheet HTML 7Page - Texas Instruments LP3958 Datasheet HTML 8Page - Texas Instruments LP3958 Datasheet HTML 9Page - Texas Instruments LP3958 Datasheet HTML 10Page - Texas Instruments LP3958 Datasheet HTML 11Page - Texas Instruments LP3958 Datasheet HTML 12Page - Texas Instruments LP3958 Datasheet HTML 13Page - Texas Instruments LP3958 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
87
88
89
90
91
92
ILOAD = 70 mA
50 mA
25 mA
L = Coilcraft LPS4018-103ML
VIN = 3.6 V
Control 8 V...18 V
LP3958
SNVS423C – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
0000 1100
12
12.0V
0000 1101
13
13.0V
0000 1110
14
14.0V
0000 1111
15
15.0V
0001 0000
16
16.0V
0001 0001
17
17.0V
0001 0010
18
18.0V
If register value is lower than 8, then value of 8 is used internally.
If register value is higher than 18, then value of 18 is used internally.
Boost Output Voltage Control
Figure 4.
Boost Converter Typical Performance Characteristics
Vin = 3.6V, Vout = 18.0V if not otherwise stated
Boost Converter Efficiency
Boost Typical Waveforms at 70mA Load
Figure 5.
Figure 6.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com