Electronic Components Datasheet Search
  English  ▼

X  

MPC507 Datasheet(PDF) 3 Page - Texas Instruments

Part # MPC507
Description  Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MPC507 Datasheet(HTML) 3 Page - Texas Instruments

  MPC507 Datasheet HTML 1Page - Texas Instruments MPC507 Datasheet HTML 2Page - Texas Instruments MPC507 Datasheet HTML 3Page - Texas Instruments MPC507 Datasheet HTML 4Page - Texas Instruments MPC507 Datasheet HTML 5Page - Texas Instruments MPC507 Datasheet HTML 6Page - Texas Instruments MPC507 Datasheet HTML 7Page - Texas Instruments MPC507 Datasheet HTML 8Page - Texas Instruments MPC507 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MPC506A, MPC507A
3
SBFS018A
www.ti.com
PIN CONFIGURATION
MPC507A
"ON"
A
3
A
2
A
1
A
0
EN
CHANNEL
X
X
X
X
L
None
LL
L
L
H
1
LL
L
H
H
2
LL
H
L
H
3
LL
H
H
H
4
LH
L
L
H
5
LH
L
H
H
6
LH
H
L
H
7
LH
H
H
H
8
HL
L
L
H
9
HL
L
H
H
10
HL
H
L
H
11
HL
H
H
H
12
HH
L
L
H
13
HH
L
H
H
14
HH
H
L
H
15
HH
H
H
H
16
"ON"
CHANNEL
A
2
A
1
A
0
EN
PAIR
X
X
X
L
None
LL
L
H
1
LL
H
H
2
LH
L
H
3
L
HHH
4
HL
L
H
5
HL
H
H
6
HH
L
H
7
H
HHH
8
MPC506A
TRUTH TABLES
1
2
3
4
5
6
7
8
28
27
26
25
24
23
22
21
9
10
11
12
13
14
20
19
18
17
16
15
+V
SUPPLY
NC
NC
In 16
In 15
In 14
In 13
In 12
In 11
In 10
In 9
Ground
V
REF
Address A
3
Out
–V
SUPPLY
In 8
In 7
In 6
In 5
In 4
In 3
In 2
In 1
Enable
Address A
0
Address A
1
Address A
2
Top View
MPC506A (Plastic)
1
2
3
4
5
6
7
8
28
27
26
25
24
23
22
21
9
10
11
12
13
14
20
19
18
17
16
15
+V
SUPPLY
Out B
NC
In 8B
In 7B
In 6B
In 5B
In 4B
In 3B
In 2B
In 1B
Ground
V
REF
NC
Out A
–V
SUPPLY
In 8A
In 7A
In 6A
In 5A
In 4A
In 3A
In 2A
In 1A
Enable
Address A
0
Address A
1
Address A
2
Top View
MPC507A (Plastic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com