Electronic Components Datasheet Search
  English  ▼

X  

MPC507 Datasheet(PDF) 8 Page - Texas Instruments

Part # MPC507
Description  Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MPC507 Datasheet(HTML) 8 Page - Texas Instruments

Back Button MPC507 Datasheet HTML 4Page - Texas Instruments MPC507 Datasheet HTML 5Page - Texas Instruments MPC507 Datasheet HTML 6Page - Texas Instruments MPC507 Datasheet HTML 7Page - Texas Instruments MPC507 Datasheet HTML 8Page - Texas Instruments MPC507 Datasheet HTML 9Page - Texas Instruments MPC507 Datasheet HTML 10Page - Texas Instruments MPC507 Datasheet HTML 11Page - Texas Instruments MPC507 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MPC506A, MPC507A
8
SBFS018A
www.ti.com
PERFORMANCE CHARACTERISTICS AND TEST CIRCUITS
T
A = +25°C, VS = ±15V,
V
AM = +4V,
V
AL = 0.8V and VREF = Open, unless otherwise noted.
Analog Input Overvoltage (V)
+12
+15
+18
+21
+24
+27
+30
+33
+36
7
6
5
4
3
2
1
0
Analog Input
Current (I
IN)
Output Off
Leakage Current
I
O (Off)
I
IN
I
O (Off)
A
+V
IN
ANALOG INPUT OVERVOLTAGE CHARACTERISTICS
21
18
12
9
6
3
0
15
A
Analog Input Overvoltage (V)
−12
−15
−18
−21
−24
−27
−30
−33
−36
4
2
0
Analog Input
Current (I
IN)
Output Off
Leakage Current
I
O (Off)
I
IN
I
O (Off)
A
−V
IN
21
18
12
9
6
3
0
15
A
Positive Input Overvoltage
Negative Input Overvoltage
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
–10
–8
–6
–4
–2
02468
10
ON RESISTANCE vs
ANALOG INPUT VOLTAGE
T
A = +125°C
T
A = +25°C
T
A = –55°C
NORMALIZED ON RESISTANCE
vs SUPPLY VOLTAGE
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
±5
±6
±7
±8
±9 ±10 ±11 ±12 ±13 ±14 ±15
Supply Voltage (V)
±125°C > T
A > –55°C
V
IN = +5V
ON RESISTANCE vs INPUT SIGNAL, SUPPLY VOLTAGE
100
µA
V
2
R
ON = V2/100µA
In
Out
V
IN
Analog Input (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com