Electronic Components Datasheet Search
  English  ▼

X  

MPC507 Datasheet(PDF) 1 Page - Texas Instruments

Part # MPC507
Description  Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MPC507 Datasheet(HTML) 1 Page - Texas Instruments

  MPC507 Datasheet HTML 1Page - Texas Instruments MPC507 Datasheet HTML 2Page - Texas Instruments MPC507 Datasheet HTML 3Page - Texas Instruments MPC507 Datasheet HTML 4Page - Texas Instruments MPC507 Datasheet HTML 5Page - Texas Instruments MPC507 Datasheet HTML 6Page - Texas Instruments MPC507 Datasheet HTML 7Page - Texas Instruments MPC507 Datasheet HTML 8Page - Texas Instruments MPC507 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MPC506A
MPC507A
SBFS018A – JANUARY 1988 – REVISED OCTOBER 2003
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1988-2003, Texas Instruments Incorporated
Single-Ended 16-Channel/Differential 8-Channel
CMOS ANALOG MULTIPLEXERS
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
FEATURES
q ANALOG OVERVOLTAGE PROTECTION: 70V
PP
q NO CHANNEL INTERACTION DURING
OVERVOLTAGE
q BREAK-BEFORE-MAKE SWITCHING
q ANALOG SIGNAL RANGE:
±15V
q STANDBY POWER: 7.5mW typ
q TRUE SECOND SOURCE
Level
Shift
1k
Ω
1k
Ω
1k
Ω
Overvoltage
Clamp and
Signal
Isolation
5V
Ref
Decoder/
Driver
NOTE: (1) Digital
Input Protection.
In 1
In 2
In 16
V
REF
MPC506A
A
0 A1 A2 A3 EN
(1)
Out
(1)
(1) (1)
(1)
Level
Shift
1k
Ω
1k
Ω
1k
Ω
Overvoltage
Clamp and
Signal
Isolation
5V
Ref
Decoder/
Driver
NOTE: (1) Digital
Input Protection.
In 1A
In 1B
In 8B
V
REF
MPC507A
A
0 A1 A2
EN
Out A
1k
Ω
In 8A
Out B
(1) (1)
(1)
(1)
FUNCTIONAL DIAGRAMS
DESCRIPTION
The MPC506A is a 16-channel single-ended analog multi-
plexer, and the MPC507A is an 8-channel differential multi-
plexer.
The MPC506A and MPC507A multiplexers have input over-
voltage protection. Analog input voltages may exceed either
power supply voltage without damaging the device or dis-
turbing the signal path of other channels. The protection
circuitry assures that signal fidelity is maintained even under
fault conditions that would destroy other multiplexers. Analog
inputs can withstand 70VPP signal levels and standard ESD
tests. Signal sources are protected from short circuits should
multiplexer power loss occur; each input presents a 1k
Ω
resistance under this condition. Digital inputs can also sus-
tain continuous faults up to 4V greater than either supply
voltage.
These features make the MPC506A and MPC507A ideal for
use in systems where the analog signals originate from
external equipment or separately powered sources.
The MPC506A and MPC507A are fabricated with Burr-
Brown’s dielectrically isolated CMOS technology. The multi-
plexers are available in plastic DIP and plastic SOIC pack-
ages. Temperature range is –40/+85
°C.
MPC
506
MPC
507


Similar Part No. - MPC507

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC507 BURR-BROWN-MPC507 Datasheet
420Kb / 15P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
MPC507A BURR-BROWN-MPC507A Datasheet
420Kb / 15P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC507A TI2-MPC507A Datasheet
511Kb / 19P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
REVISED OCTOBER 2003
logo
Burr-Brown (TI)
MPC507AP BURR-BROWN-MPC507AP Datasheet
420Kb / 15P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC507AP TI-MPC507AP Datasheet
754Kb / 19P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
More results

Similar Description - MPC507

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
logo
Burr-Brown (TI)
MPC507 BURR-BROWN-MPC507 Datasheet
420Kb / 15P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG406 INTERSIL-DG406_06 Datasheet
552Kb / 13P
Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
March 13, 2006
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG406DJZ INTERSIL-DG406DJZ Datasheet
604Kb / 15P
Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
October 1, 2013
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com