Electronic Components Datasheet Search
  English  ▼

X  

MPC507 Datasheet(PDF) 4 Page - Texas Instruments

Part # MPC507
Description  Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MPC507 Datasheet(HTML) 4 Page - Texas Instruments

  MPC507 Datasheet HTML 1Page - Texas Instruments MPC507 Datasheet HTML 2Page - Texas Instruments MPC507 Datasheet HTML 3Page - Texas Instruments MPC507 Datasheet HTML 4Page - Texas Instruments MPC507 Datasheet HTML 5Page - Texas Instruments MPC507 Datasheet HTML 6Page - Texas Instruments MPC507 Datasheet HTML 7Page - Texas Instruments MPC507 Datasheet HTML 8Page - Texas Instruments MPC507 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MPC506A, MPC507A
4
SBFS018A
www.ti.com
Voltage between supply pins ............................................................... 44V
V
REF to ground, V+ to ground ............................................................... 22V
V– to ground ........................................................................................ 25V
Digital input overvoltage:
V
EN, VA: VSUPPLY (+) ............................................................................ +4V
V
SUPPLY (–) ............................................................................ –4V
or 20mA, whichever occurs first.
Analog input overvoltage:
V
S: VSUPPLY (+) .................................................................................. +20V
V
SUPPLY (–) .................................................................................. –20V
Continuous current, S or D ............................................................... 20mA
Peak current, S or D
(pulsed at 1ms, 10% duty cycle max) ............................................ 40mA
Power dissipation* ............................................................................. 2.0W
Operating temperature range ........................................... –40
°C to +85°C
Storage temperature range ............................................. –65
°C to +150°C
*Derate 20.0mW/
°C above T
A = 70
NOTE: (1) Absolute maximum ratings are limiting values, applied individu-
ally, beyond which the serviceability of the circuit may be impaired. Func-
tional operation under any of these conditions is not necessarily implied.
ABSOLUTE MAXIMUM RATINGS(1)
TYPICAL PERFORMANCE CURVES
T
A = +25°C unless otherwise noted.
SETTLING TIME vs
SOURCE RESISTANCE FOR 20V STEP CHANGE
1k
100
10
1
0.1
0.01
0.1
1
10
100
Source Resistance (k
Ω)
To ±0.01%
To ±0.1%
COMBINED CMR vs
FREQUENCY MPC507A AND INA110
120
100
80
60
40
20
0
1
10
100
1k
10k
Frequency (Hz)
G = 500
G = 100
G = 10
CROSSTALK vs SIGNAL FREQUENCY
1
0.1
0.01
0.001
0.0001
110
100
1k
10k
Signal Frequency (Hz)
Rs = 100kΩ
Rs = 1kΩ
Rs = 100Ω
Rs = 10kΩ
PACKAGE/ORDERING INFORMATION
For the most current package and ordering information, see
the Package Option Addendum located at the end of this
data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com