Electronic Components Datasheet Search
  English  ▼

X  

MPC507 Datasheet(PDF) 7 Page - Texas Instruments

Part # MPC507
Description  Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MPC507 Datasheet(HTML) 7 Page - Texas Instruments

Back Button MPC507 Datasheet HTML 3Page - Texas Instruments MPC507 Datasheet HTML 4Page - Texas Instruments MPC507 Datasheet HTML 5Page - Texas Instruments MPC507 Datasheet HTML 6Page - Texas Instruments MPC507 Datasheet HTML 7Page - Texas Instruments MPC507 Datasheet HTML 8Page - Texas Instruments MPC507 Datasheet HTML 9Page - Texas Instruments MPC507 Datasheet HTML 10Page - Texas Instruments MPC507 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MPC506A, MPC507A
7
SBFS018A
www.ti.com
Common-Mode Rejection (MPC507A Only)
The matching properties of the load, multiplexer and source
affect the common-mode rejection (CMR) capability of a
differentially multiplexed system. CMR is the ability of the
multiplexer and input amplifier to reject signals that are
common to both inputs, and to pass on only the signal
difference to the output. For the MPC507A, protection is
provided for common-mode signals of
±20V above the
power supply voltages with no damage to the analog switches.
The CMR of the MPC507A and Burr-Brown's INA110
instrumentation amplifier (G = 100) is 110dB at DC to 10Hz
with a 6dB/octave roll-off to 70dB at 1000Hz. This measure-
ment of CMR is shown in the Typical Performance Curves
and is made with a Burr-Brown INA110 instrumentation
amplifier connected for gains of 500, 100, and 10.
Factors which will degrade multiplexer and system DC
CMR are:
• Amplifier bias current and differential impedance mis-
match
• Load impedance mismatch
• Multiplexer impedance and leakage current mismatch
• Load and source common-mode impedance
AC CMR roll-off is determined by the amount of common-
mode capacitances (absolute and mismatch) from each
signal line to ground. Larger capacitances will limit CMR
at higher frequencies; thus, if good CMR is desired at
higher frequencies, the common-mode capacitances and
unbalance of signal lines and multiplexer to amplifier wiring
must be minimized. Use twisted-shielded pair signal lines
wherever possible.
SWITCHING WAVEFORMS
Typical at +25
°C, unless otherwise noted.
100ns/Div
1 On
16 On
V
A Input
2V/Div
Output
0.5V/Div
V
AM 4.0V
Address Drive
(V
A)
Output
50%
50%
t
OPEN
0V
MPC506A1
GND
In 2 Thru In 15
In 1
In 16
Out
A
3
A
2
A
1
A
0
En
1k
Ω
50
Ω
+5V
+4.0V
12.5pF
V
A
V
OUT
NOTE: (1) Similar connection for MPC507A.
BREAK-BEFORE-MAKE DELAY (t
OPEN)
ENABLE DELAY (t
ON (EN), tOFF (EN))
100ns/Div
In 1 Thru
In 16 Off
Output
2V/Div
1 On
MPC506A1
GND
In 2 Thru In 16
In 1
Out
A
3
A
2
A
1
A
0
En
1k
Ω
+10V
12.5pF
NOTE: (1) Similar connection for MPC507A.
50
Ω
V
A
Enable Drive
V
AM = 4.0V
50%
90%
90%
0V
Output
t
ON(EN)
t
OFF(EN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com