Electronic Components Datasheet Search
  English  ▼

X  

OPA875 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA875
Description  Triple 2:1 High-Speed Video Multiplexer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA875 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA875 Datasheet HTML 13Page - Texas Instruments OPA875 Datasheet HTML 14Page - Texas Instruments OPA875 Datasheet HTML 15Page - Texas Instruments OPA875 Datasheet HTML 16Page - Texas Instruments OPA875 Datasheet HTML 17Page - Texas Instruments OPA875 Datasheet HTML 18Page - Texas Instruments OPA875 Datasheet HTML 19Page - Texas Instruments OPA875 Datasheet HTML 20Page - Texas Instruments OPA875 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
INPUT AND ESD PROTECTION
External
Pin
+V
CC
-VCC
Internal
Circuitry
OPA3875
www.ti.com ............................................................................................................................................ SBOS341D – DECEMBER 2006 – REVISED AUGUST 2008
With a characteristic board trace impedance defined
based on board material and trace dimensions, a
The OPA3875 is built using a very high-speed
matching series resistor into the trace from the output
complementary bipolar process. The internal junction
of the OPA3875 is used as well as a terminating
breakdown voltages are relatively low for these very
shunt resistor at the input of the destination device.
small geometry devices. These breakdowns are
Remember also that the terminating impedance will
reflected in the Absolute Maximum Ratings table. All
be the parallel combination of the shunt resistor and
device pins have limited ESD protection using internal
the input impedance of the destination device; this
diodes to the power supplies as shown in Figure 31.
total effective impedance should be set to match the
trace impedance. The high output voltage and current
capability of the OPA3875 allows multiple destination
devices to be handled as separate transmission lines,
each with their own series and shunt terminations. If
the
6dB
attenuation
of
a
doubly-terminated
transmission line is unacceptable, a long trace can be
series-terminated at the source end only. Treat the
trace as a capacitive load in this case and set the
series resistor value as shown in Figure 5. This will
not
preserve
signal
integrity
as
well
as
a
Figure 31. Internal ESD Protection
doubly-terminated line. If the input impedance of the
destination device is low, there will be some signal
These diodes provide moderate protection to input
attenuation due to the voltage divider formed by the
overdrive voltages above the supplies as well. The
series output into the terminating impedance.
protection
diodes
can
typically
support
30mA
e) Socketing a high-speed part like the OPA3875
continuous
current.
Where
higher
currents
are
is not recommended. The additional lead length and
possible (for example, in systems with ±15V supply
pin-to-pin capacitance introduced by the socket can
parts driving into the OPA3875), current-limiting
create an extremely troublesome parasitic network
series resistors should be added into the two inputs.
which can make it almost impossible to achieve a
Keep these resistor values as low as possible
smooth, stable frequency response. Best results are
because high values degrade both noise performance
obtained by soldering the OPA3875 onto the board.
and frequency response.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): OPA3875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com