Electronic Components Datasheet Search
  English  ▼

X  

OPA875 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA875
Description  Triple 2:1 High-Speed Video Multiplexer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA875 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA875 Datasheet HTML 6Page - Texas Instruments OPA875 Datasheet HTML 7Page - Texas Instruments OPA875 Datasheet HTML 8Page - Texas Instruments OPA875 Datasheet HTML 9Page - Texas Instruments OPA875 Datasheet HTML 10Page - Texas Instruments OPA875 Datasheet HTML 11Page - Texas Instruments OPA875 Datasheet HTML 12Page - Texas Instruments OPA875 Datasheet HTML 13Page - Texas Instruments OPA875 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
APPLICATIONS INFORMATION
2:1 HIGH-SPEED VIDEO MULTIPLEXER
LOGO INSERTER
RGB VIDEO INVERTER
75W
75W
75W
+5V
-5V
EN
Channel
Select
1/3OPA3875
x1
x1
V
IN_1
V
OUT
V
IN_2
402W
402W
OPA3875
SBOS341D – DECEMBER 2006 – REVISED AUGUST 2008 ............................................................................................................................................ www.ti.com
that the 75
Ω input matching impedance is set here by
the parallel combination of 92
Ω and 402Ω. In order
not to disturb the sync, color burst, and blanking if
OPERATION
present, the inverting amplifiers are only switched on
The OPA3875 can be used as a triple 2:1 high-speed
during active video.
video multiplexer, as illustrated in the front page
schematic for an RGB signal. Figure 26 shows a
simplified version of the front page schematic in
which one output is shown with its input and output
Figure 28 illustrates the principle of overlaying a
impedance matching resistors.
picture in a picture. The picture comes through U1;
the signal to be overlayed comes through U2. Here
we have a reference voltage of 0.714V in channel 2
indicating that we will highlight a section of the picture
Figure 27 illustrates an extension of the previously
with white (for NTSC-related RGB video). How much
shown RGB switching circuit with a noninverting
white comes through depends on the combination of
signal going through channel 1 and an inverted signal
select 1 and select 2 pins as well as the series output
going
through
channel
two.
Here,
the
output
resistance of each OPA3875. To match the 75
Ω
impedance of the OPA3875 is set to 75
Ω. Looking at
output impedance of the video cable, the parallel
the input part of this circuit, we see that the RGB
combination of the series output resistance (R and
signal is inverted with an OPA3693 fixed gain set in
nR) needs to be 75
Ω. The two select pins gives us 2
an inverting configuration with a reference voltage on
bits of control. By selecting n = 2, you have the
the noninverting node. The reference voltage, set
capability of a 0% highlight (full original video signal),
here at 0.714V, has a gain of 1 at the output of the
33% highlight, 66% highlight, and 100% highlight (all
OPA3691 as the input signal is AC-coupled (not
white). By selecting n = 3, you have 0%, 25%, 75%,
represented here). This bias voltage is required to
and 100% highlight capabilities, etc.
prevent the video from swinging negative. Note also
Figure 26. Triple 2:1 High-Speed Video Multiplexer
10
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA3875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com