Electronic Components Datasheet Search
  English  ▼

X  

OPA875 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA875
Description  Triple 2:1 High-Speed Video Multiplexer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA875 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA875 Datasheet HTML 2Page - Texas Instruments OPA875 Datasheet HTML 3Page - Texas Instruments OPA875 Datasheet HTML 4Page - Texas Instruments OPA875 Datasheet HTML 5Page - Texas Instruments OPA875 Datasheet HTML 6Page - Texas Instruments OPA875 Datasheet HTML 7Page - Texas Instruments OPA875 Datasheet HTML 8Page - Texas Instruments OPA875 Datasheet HTML 9Page - Texas Instruments OPA875 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
-60
-65
-70
-75
-80
-85
-90
Resistance( )
W
100
1k
V =2V
O
PP
f=10MHz
2nd-Harmonic
3rd-Harmonic
dBc=dBBelowCarrier
-40
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
SupplyVoltage( V)
±
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V =2V
O
PP
R =150W
L
f=10MHz
3rd-Harmonic
2nd-Harmonic
dBc=dBBelowCarrier
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
-100
Frequency(MHz)
1
10
100
V =2V
O
PP
R =150
L
W
2nd-Harmonic
3rd-Harmonic
dBc=dBBelowCarrier
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
-100
OutputVoltageSwing(V
)
PP
0.5
1.5
2.5
3.5
4.5
5.5
6.5 7.0
R =150
L
W
f=10MHz
dBc=dBBelowCarrier
2nd-Harmonic
3rd-Harmonic
-50
-60
-70
-80
-90
-100
Single-ToneLoadPower(dBm)
-6
-4
-2
0
2
4
6
8
10
R =100W
L
LoadPoweratMatched50
Load
W
dBc=dBBelowCarrier
50MHz
20MHz
10MHz
5
4
3
2
1
0
-1
-2
-3
-4
-5
I (mA)
O
-200
-150
-100
-50
0
50
100
150
200
1WInternal
PowerLimit
1WInternal
PowerLimit
50
LoadLine
W
100
LoadLine
W
25
LoadLine
W
OPA3875
SBOS341D – DECEMBER 2006 – REVISED AUGUST 2008 ............................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At G = +2 and RL = 150Ω, unless otherwise noted.
HARMONIC DISTORTION vs LOAD RESISTANCE
HARMONIC DISTORTION vs SUPPLY VOLTAGE
Figure 7.
Figure 8.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 9.
Figure 10.
TWO-TONE, 3RD-ORDER INTERMODULATION SPURIOUS
OUTPUT VOLTAGE AND CURRENT LIMITIATIONS
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA3875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com