Electronic Components Datasheet Search
  English  ▼

X  

OPA875 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA875
Description  Triple 2:1 High-Speed Video Multiplexer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA875 Datasheet(HTML) 1 Page - Texas Instruments

  OPA875 Datasheet HTML 1Page - Texas Instruments OPA875 Datasheet HTML 2Page - Texas Instruments OPA875 Datasheet HTML 3Page - Texas Instruments OPA875 Datasheet HTML 4Page - Texas Instruments OPA875 Datasheet HTML 5Page - Texas Instruments OPA875 Datasheet HTML 6Page - Texas Instruments OPA875 Datasheet HTML 7Page - Texas Instruments OPA875 Datasheet HTML 8Page - Texas Instruments OPA875 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
75W
75W
75W
75W
RGB
Channel0
75W
75W
75W
RGB
Channel1
75W
75W
RGB
Out
+5V
-5V
EN
Channel
Select
OPA3875
(Patented)
RGBSwitching
OPA3875
www.ti.com ............................................................................................................................................ SBOS341D – DECEMBER 2006 – REVISED AUGUST 2008
Triple 2:1 High-Speed Video Multiplexer
2
• 700MHz SMALL-SIGNAL BANDWIDTH
The OPA3875 offers a very wideband, 3-channel, 2:1
(AV = +2)
multiplexer in a small SSOP-16 package. Using only
11mA/ch, the OPA3875 provides three, gain of +2,
• 425MHz, 4V
PP BANDWIDTH
video amplifier channels with greater than 400MHz
• 0.1dB GAIN FLATNESS to 150MHz
large-signal bandwidth (4VPP). Gain accuracy and
• 4ns CHANNEL SWITCHING TIME
switching glitch are improved over earlier solutions
using
a
new
(patented)
input
stage
switching
• LOW SWITCHING GLITCH: 40mV
PP
approach. This technique uses current steering as the
• 3100V/µs SLEW RATE
input switch while maintaining an overall closed-loop
• 0.025%/0.025° DIFFERENTIAL GAIN, PHASE
design.
Gain
matching
between
each
of
the
3-channel pairs is also significantly improved using
• HIGH GAIN ACCURACY: 2.0V/V ±0.4%
this technique (<0.2% gain mismatch). With greater
than 700MHz small-signal bandwidth at a gain of 2,
the OPA3875 gives a typical 0.1dB gain flatness to
• RGB SWITCHING
greater than 150MHz.
• LCD PROJECTOR INPUT SELECT
System power may be reduced using the chip enable
• WORKSTATION GRAPHICS
feature for the OPA3875. Taking the chip enable line
• TRIPLE ADC INPUT MUX
high powers down the OPA3875 to less than 900
µA
• DROP-IN UPGRADE TO LT1675
total
supply
current.
Muxing
multiple
OPA3875
outputs together, then using the chip enable to select
which channels are active, increases the number of
possible inputs to the 3-channel outputs.
Where a single channel of the OPA3875 is required,
consider the OPA875.
OPA3875
SELECT
ENABLE
RED OUT GREEN OUT
BLUE OUT
1
0
R0
G0
B0
0
0
R1
G1
B1
X
1
Off
Off
Off
OPA3875 RELATED PRODUCTS
DESCRIPTION
OPA875
Single-Channel OPA3875
OPA4872
Quad 510MHz 4:1 Multiplexer
OPA3693
Triple 650MHz Video Buffer
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA875

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
614Kb / 22P
Triple 2:1 High-Speed Video Multiplexer
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
Single 2:1 High-Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI2-OPA875 Datasheet
791Kb / 27P
Single 2:1 High-Speed Video Multiplexer
REVISED AUGUST 2008
logo
KODENSHI_AUK CORP.
OPA8750T KODENSHI-OPA8750T Datasheet
99Kb / 1P
Infrared LED Chip
More results

Similar Description - OPA875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
Triple 2:1 High-Speed Video Multiplexer
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
Single 2:1 High-Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
LMH6570 2:1 High Speed Video Multiplexer
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
LMH6572 Triple 2:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com