Electronic Components Datasheet Search
  English  ▼

X  

PCM1608 Datasheet(PDF) 40 Page - Texas Instruments

Part # PCM1608
Description  24-Bit, 192-kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1608 Datasheet(HTML) 40 Page - Texas Instruments

Back Button PCM1608 Datasheet HTML 36Page - Texas Instruments PCM1608 Datasheet HTML 37Page - Texas Instruments PCM1608 Datasheet HTML 38Page - Texas Instruments PCM1608 Datasheet HTML 39Page - Texas Instruments PCM1608 Datasheet HTML 40Page - Texas Instruments PCM1608 Datasheet HTML 41Page - Texas Instruments PCM1608 Datasheet HTML 42Page - Texas Instruments PCM1608 Datasheet HTML 43Page - Texas Instruments PCM1608 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
www.ti.com
Revision History
PCM1608
SBAS164B – DECEMBER 2000 – REVISED JULY 2005
DATE
REV
PAGE
SECTION
DESCRIPTION
11 JUL 05
B
–
Global
Changed to new format
2
Absolute Maximum
Changed values for power supply voltage, digital input voltage, lead
Ratings
temperature, and package temperature, added supply voltage difference,
VCC – VDD < 3 V.
2
Recommended
New table added to data sheet
Operating Conditions
2
Package/Ordering In-
Table removed from page 2, reformatted, and inserted at end of data sheet.
formation
11, 12
Typical Performance
In Figure 11 through Figure 18, corrected condition for 192 kHz.
Curves
13
System Clock Input
In text, corrected register number from 9 to 8.
15
Audio Serial Interface
In text, corrected clock numbers from "one clock cycle" to "3-bit clock
cycle".
16, 17
Audio Data Formats
In Figure 22, Audio Data Input Formats, removed 32-fS availability from
and Timing
left-justified format, corrected relative relation between BCK and DATA. In
Figure 23, Audio Interface Timing, corrected specification for BCK pulse
cycle time, changed transition voltage.
19, 20
Serial Control Interface
In Figure 26, Read Operation Timing, corrected index numbers for INC = 1
(auto-increment read) , corrected description of notes. In text,
auto-increment read operation, corrected wrong descriptions and numbers
so that it describes right operation along with Figure 26. In Figure 27,
Control Interface Timing, corrected transition voltage.
22
Mode Control Registers In text, Reserved Registers, added description as reserved registers for
register 00h and 0Dh to 0Fh. In table 4, Mode Control Register Map,
removed row for register 00h.
32
Application Information
In Figure 31, Typical Application Diagram, corrected connections to pins
25–29 and capacitance of C10.
24 MAY
A
Changes unknown
01
15 DEC
*
–
–
Original version
00
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com