Electronic Components Datasheet Search
  English  ▼

X  

PCM1608 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM1608
Description  24-Bit, 192-kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1608 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1608 Datasheet HTML 4Page - Texas Instruments PCM1608 Datasheet HTML 5Page - Texas Instruments PCM1608 Datasheet HTML 6Page - Texas Instruments PCM1608 Datasheet HTML 7Page - Texas Instruments PCM1608 Datasheet HTML 8Page - Texas Instruments PCM1608 Datasheet HTML 9Page - Texas Instruments PCM1608 Datasheet HTML 10Page - Texas Instruments PCM1608 Datasheet HTML 11Page - Texas Instruments PCM1608 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
www.ti.com
PCM1608
SBAS164B – DECEMBER 2000 – REVISED JULY 2005
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
ML
36
I
Latch enable for serial control port (2)
NC
7, 8, 29
–
No connection
RST
37
I
System reset, active-low (2)
SCKI
38
I
System clock input. Input frequency is one of 128 fS, 192 fS, 256 fS, 384 fS, 512 fS, or 768 fS. (1)
Buffered clock output. Output frequency is one of 128 fS, 192 fS, 256 fS, 384 fS, 512 fS, or 768
SCKO
39
O
fS, or one-half of 128 fS, 192 fS, 256 fS, 384 fS, 512 fS, or 768 fS.
TEST
42
–
Test pin. This pin should be connected to DGND. (2)
VCC1
28
–
Analog power supply, 5-V
VCC2
26
–
Analog power supply, 5-V
VCC3
24
–
Analog power supply, 5-V
VCC4
22
–
Analog power supply, 5-V
VCC5
18
–
Analog power supply, 5-V
VCOM
15
O
Common voltage output. This pin should be bypassed with a 10-
µF capacitor to AGND.
VDD
43
–
Digital power supply, 3.3-V
VOUT1
14
O
Voltage output of audio signal corresponding to Lch on DATA1. Up to 192 kHz.
VOUT2
13
O
Voltage output of audio signal corresponding to Rch on DATA1. Up to 192 kHz.
VOUT3
12
O
Voltage output of audio signal corresponding to Lch on DATA2. Up to 96 kHz.
VOUT4
11
O
Voltage output of audio signal corresponding to Rch on DATA2. Up to 96 kHz.
VOUT5
10
O
Voltage output of audio signal corresponding to Lch on DATA3. Up to 96 kHz.
VOUT6
9
O
Voltage output of audio signal corresponding to Rch on DATA3. Up to 96 kHz.
VOUT7
16
O
Voltage output of audio signal corresponding to Lch on DATA4. Up to 192 kHz.
VOUT8
20
O
Voltage output of audio signal corresponding to Rch on DATA4. Up to 192 kHz.
ZERO1/GPO1
1
O
Zero-data flag for VOUT1. Can also be used as GPO pin.
ZERO2/GPO2
2
O
Zero-data flag for VOUT2. Can also be used as GPO pin.
ZERO3/GPO3
3
O
Zero-data flag for VOUT3. Can also be used as GPO pin.
ZERO4/GPO4
4
O
Zero-data flag for VOUT4. Can also be used as GPO pin.
ZERO5/GPO5
5
O
Zero-data flag for VOUT5. Can also be used as GPO pin.
ZERO6/GPO6
6
O
Zero-data flag for VOUT6. Can also be used as GPO pin.
ZERO7
30
O
Zero-data flag for VOUT7
ZERO8
32
O
Zero-data flag for VOUT8
ZEROA
48
O
Zero-data flag. Logical AND of ZERO1 through ZERO6
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com