Electronic Components Datasheet Search
  English  ▼

X  

PCM1608 Datasheet(PDF) 45 Page - Texas Instruments

Part # PCM1608
Description  24-Bit, 192-kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1608 Datasheet(HTML) 45 Page - Texas Instruments

Back Button PCM1608 Datasheet HTML 38Page - Texas Instruments PCM1608 Datasheet HTML 39Page - Texas Instruments PCM1608 Datasheet HTML 40Page - Texas Instruments PCM1608 Datasheet HTML 41Page - Texas Instruments PCM1608 Datasheet HTML 42Page - Texas Instruments PCM1608 Datasheet HTML 43Page - Texas Instruments PCM1608 Datasheet HTML 44Page - Texas Instruments PCM1608 Datasheet HTML 45Page - Texas Instruments PCM1608 Datasheet HTML 46Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(8.2)
(8.2)
48X (1.6)
48X (0.3)
44X (0.5)
(R0.05) TYP
LQFP - 1.6 mm max height
PT0048A
LOW PROFILE QUAD FLATPACK
4215159/B 11/2023
NOTES: (continued)
7. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
8. Board assembly site may have different recommendations for stencil design.
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
SCALE: 10X
PKG SYMM
PKG
SYMM
1
12
13
24
25
36
37
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com