Electronic Components Datasheet Search
  English  ▼

X  

PCM1680 Datasheet(PDF) 29 Page - Texas Instruments

Part # PCM1680
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1680 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM1680 Datasheet HTML 25Page - Texas Instruments PCM1680 Datasheet HTML 26Page - Texas Instruments PCM1680 Datasheet HTML 27Page - Texas Instruments PCM1680 Datasheet HTML 28Page - Texas Instruments PCM1680 Datasheet HTML 29Page - Texas Instruments PCM1680 Datasheet HTML 30Page - Texas Instruments PCM1680 Datasheet HTML 31Page - Texas Instruments PCM1680 Datasheet HTML 32Page - Texas Instruments PCM1680 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
APPLICATION INFORMATION
CONNECTION DIAGRAMS
SCK
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
13
14
PCM1680
DATA1
BCK
LRCK
VDD
DGND
DATA2
DATA3
DATA4
MSEL
AGND2
AGND1
VCC2
VOUT3
VOUT4
VOUT5
VCC1
VOUT7
VOUT6
ZERO1
1
2
3
4
MS/ADR
MC/SCL
MD/SDA
28
27
26
25
ZERO2
VOUT1
VOUT2
VCOM
VOUT8
µC or µP
Audio DSP
or
Decoder
R7
PLL170x
R6
R5
27-MHz
Master
Clock
R4
R2
R3
R1
C9
5 V Analog
0 V
C13
C1−C8: 4.7-µF to 10-µF Electrolytic Typical
C9−C11: 1-µF Ceramic Typical
C12, C13: 10-µF Electrolytic Typical
R1−R7: 22 Ω to 100 Ω Typical
+
C1
+
C2
+
C12
C11
C10
+
C3
+
C4
+
C5
+
C6
+
C7
+
C8
L
R
LF
RF
RS
LS
CTR
SUB
Output
Low-Pass
Filter
S0057-01
+
PCM1680
www.ti.com.................................................................................................................................................. SLES133B – MARCH 2005 – REVISED OCTOBER 2008
A basic connection diagram is shown in Figure 32, with the necessary power-supply bypassing and decoupling
components. Texas Instruments’ PLL170x is used to generate the system clock input at SCK, as well as
generating the clock for the audio signal processor. The use of series resistors (22
Ω to 100 Ω) is recommended
for SCK, LRCK, BCK, DATA1, DATA2, DATA3, and DATA4. The series resistor combines with the stray printed
circuit board (PCB) capacitance and device input capacitance to form a low-pass filter that removes
high-frequency noise from the digital signal, thus reducing high-frequency emission.
Figure 32. Basic Connection Diagram
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): PCM1680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com