Electronic Components Datasheet Search
  English  ▼

X  

PCM1680 Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM1680
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1680 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1680 Datasheet HTML 5Page - Texas Instruments PCM1680 Datasheet HTML 6Page - Texas Instruments PCM1680 Datasheet HTML 7Page - Texas Instruments PCM1680 Datasheet HTML 8Page - Texas Instruments PCM1680 Datasheet HTML 9Page - Texas Instruments PCM1680 Datasheet HTML 10Page - Texas Instruments PCM1680 Datasheet HTML 11Page - Texas Instruments PCM1680 Datasheet HTML 12Page - Texas Instruments PCM1680 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
f – Frequency – kHz
−0.5
−0.4
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
12
14
16
18
20
22
fS = 48 kHz
G010
f – Frequency – kHz
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
0
2
4
6
8
10
12
14
16
18
20
22
fS = 48 kHz
G009
TYPICAL CHARACTERISTICS: ANALOG FILTER
−70
−60
−50
−40
−30
−20
−10
0
10
f − Frequency − kHz
1
100
1k
10k
G011
10
PCM1680
www.ti.com.................................................................................................................................................. SLES133B – MARCH 2005 – REVISED OCTOBER 2008
TYPICAL CHARACTERISTICS: DE-EMPHASIS FILTER (continued)
All specifications at TA = +25°C, VCC = 5 V, fS = 48 kHz, system clock = 512 fS, and 24-bit data, unless otherwise noted.
DE-EMPHASIS
DE-EMPHASIS ERROR
Figure 9.
Figure 10.
All specifications at TA = 25C, VCC = 5 V, fS = 48 kHz, system clock = 512 fS, and 24-bit data, unless otherwise noted
ANALOG FILTER PERFORMANCE
Figure 11.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PCM1680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com