Electronic Components Datasheet Search
  English  ▼

X  

PCM1680 Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM1680
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1680 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1680 Datasheet HTML 6Page - Texas Instruments PCM1680 Datasheet HTML 7Page - Texas Instruments PCM1680 Datasheet HTML 8Page - Texas Instruments PCM1680 Datasheet HTML 9Page - Texas Instruments PCM1680 Datasheet HTML 10Page - Texas Instruments PCM1680 Datasheet HTML 11Page - Texas Instruments PCM1680 Datasheet HTML 12Page - Texas Instruments PCM1680 Datasheet HTML 13Page - Texas Instruments PCM1680 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
TYPICAL CHARACTERISTICS: ANALOG DYNAMIC PERFORMANCE
Supply Voltage Characteristics
VCC − Supply Voltage − V
4.75
5.00
5.25
G012
0.001
0.01
VCC – Supply Voltage – V
96
98
100
102
104
106
108
110
4.75
5.00
5.25
G013
VCC – Supply Voltage – V
96
98
100
102
104
106
108
110
4.75
5.00
5.25
G014
VCC – Supply Voltage – V
96
98
100
102
104
106
108
110
4.75
5.00
5.25
G015
PCM1680
SLES133B – MARCH 2005 – REVISED OCTOBER 2008.................................................................................................................................................. www.ti.com
All specifications at TA = 25C, VCC = 5 V, fS = 48 kHz, system clock = 512 fS, and 24-bit data, unless otherwise noted
TOTAL HARMONIC DISTORTION + NOISE
DYNAMIC RANGE
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 12.
Figure 13.
SIGNAL-TO-NOISE RATIO
CHANNEL SEPARATION
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 14.
Figure 15.
10
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com