Electronic Components Datasheet Search
  English  ▼

X  

PCM1801 Datasheet(PDF) 16 Page - Texas Instruments

Part # PCM1801
Description  SINGLE-ENDED ANALOG-INPUT 16-BIT STEREO ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1801 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1801 Datasheet HTML 12Page - Texas Instruments PCM1801 Datasheet HTML 13Page - Texas Instruments PCM1801 Datasheet HTML 14Page - Texas Instruments PCM1801 Datasheet HTML 15Page - Texas Instruments PCM1801 Datasheet HTML 16Page - Texas Instruments PCM1801 Datasheet HTML 17Page - Texas Instruments PCM1801 Datasheet HTML 18Page - Texas Instruments PCM1801 Datasheet HTML 19Page - Texas Instruments PCM1801 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
www.ti.com
1/fS
32/fS
Normal Data(1)
Zero Data
Undefined
Data
Normal Data
Synchronous
Asynchronous
Synchronous
Resynchronization
Synchronization Lost
DOUT
State of Synchronization
T0020-02
HPF Bypass Control
APPLICATION INFORMATION
BOARD DESIGN AND LAYOUT CONSIDERATIONS
VCC, VDD PINS
AGND, DGND PINS
VIN PINS
VREF PINS
PCM1801
SBAS131C – OCTOBER 2000 – REVISED JULY 2007
(1)
The transient response (exponentially attenuated signal from
±0.2% dc of FSR with 200-ms time constant) appears
initially.
Figure 27. ADC Digital Output for Loss of Synchronization and Re-Synchronization
The built-in function for dc component rejection can be bypassed by BYPAS (pin 9) control (see Table 4). In
bypass mode, the dc component of the input analog signal, the internal dc offset, etc., are also converted and
output in the digital output data.
Table 4. HPF Bypass Control
BYPAS
HIGH-PASS FILTER (HPF) MODE
Low
Normal (dc cut) mode
High
Bypass (through) mode
The digital and analog power supply lines to the PCM1801 should be bypassed to the corresponding ground
pins with both 0.1-
μF ceramic and 10-μF tantalum capacitors as close to the pins as possible to maximize the
dynamic performance of the ADC. Although the PCM1801 has two power lines to maximize the potential of
dynamic performance, using one common power supply is recommended to avoid unexpected power supply
problems, such as latch-up due to power supply sequencing.
To maximize the dynamic performance of the PCM1801, the analog and digital grounds are not internally
connected. These points should have low impedance to avoid digital noise feedback into the analog ground.
They should be connected directly to each other under the PCM1801 package to reduce potential noise
problems.
A 1.0-
μF tantalum capacitor is recommended as an ac-coupling capacitor, which establishes a 5.3-Hz cutoff
frequency. If a higher full-scale input voltage is required, the input voltage range can be increased by adding a
series resistor to the VIN pins.
To ensure low source impedance, 4.7-
μF tantalum capacitors are recommended from VREF1 to AGND and from
VREF2 to AGND. These capacitors should be located as close as possible to the VREF1 and VREF2 pins to reduce
dynamic errors on the ADC references.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com