Electronic Components Datasheet Search
  English  ▼

X  

PCM1801 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM1801
Description  SINGLE-ENDED ANALOG-INPUT 16-BIT STEREO ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1801 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM1801 Datasheet HTML 8Page - Texas Instruments PCM1801 Datasheet HTML 9Page - Texas Instruments PCM1801 Datasheet HTML 10Page - Texas Instruments PCM1801 Datasheet HTML 11Page - Texas Instruments PCM1801 Datasheet HTML 12Page - Texas Instruments PCM1801 Datasheet HTML 13Page - Texas Instruments PCM1801 Datasheet HTML 14Page - Texas Instruments PCM1801 Datasheet HTML 15Page - Texas Instruments PCM1801 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
www.ti.com
THEORY OF OPERATION
1st
SW-CAP
Integrator
Analog
In
X(z)
+
−
+
−
2nd
SW-CAP
Integrator
3rd
SW-CAP
Integrator
+
−
4th
SW-CAP
Integrator
+
+
+
+
+
+
+
+
5th
SW-CAP
Integrator
Digital
Out
Y(z)
Comparator
Qn(z)
H(z)
1-Bit
DAC
STF(z) = H(z) / [1 + H(z)]
NTF(z) = 1 / [1 + H(z)]
Y(z) = STF(z) * X(z) + NTF(z) * Qn(z)
Signal Transfer Function
Noise Transfer Function
B0005-01
SYSTEM CLOCK
PCM1801
SBAS131C – OCTOBER 2000 – REVISED JULY 2007
The PCM1801 consists of a band-gap reference, two channels of a single-to-differential converter, a fully
differential 5th-order delta-sigma modulator, a decimation filter (including digital high-pass), and a serial interface
circuit. The block diagram illustrates the total architecture of the PCM1801, and the analog front-end diagram
illustrates the architecture of the single-to-differential converter and the antialiasing filter. Figure 22 illustrates the
architecture of the 5th-order delta-sigma modulator and transfer functions.
An internal high-precision reference with two external capacitors provides all reference voltages which are
required by the converter, and defines the full-scale voltage range of both channels. The internal single-ended to
differential voltage converter saves the design, space, and extra parts needed for external circuitry required by
many delta-sigma converters. The internal full-differential architecture provides a wide dynamic range and
excellent power-supply rejection performance.
The input signal is sampled at a 64
× oversampling rate, eliminating the need for a sample-and-hold circuit and
simplifying antialias filtering requirements. The 5th-order delta-sigma noise shaper consists of five integrators
which use a switched-capacitor topology, a comparator, and a feedback loop consisting of a 1-bit
digital-to-analog converter (DAC). The delta-sigma modulator shapes the quantization noise, shifting it out of the
audio band in the frequency domain. The high order of the modulator enables it to randomize the modulator
outputs, reducing idle tone levels.
The 64-fS, 1-bit stream from the modulator is converted to 1-fS, 16-bit digital data by the decimation filter, which
also acts as a low-pass filter to remove the shaped quantization noise. The dc components are removed by a
digital high-pass filter, and the filtered output is converted to time-multiplexed serial signals through a serial
interface which provides flexible serial formats.
Figure 22. Simplified Diagram of the PCM1801 5th-Order Delta-Sigma Modulator
The system clock for the PCM1801 must be either 256 fS, 384 fS, or 512 fS, where fS is the audio sampling
frequency. The system clock must be supplied on SCKI (pin 5).
The PCM1801 also has a system clock detection circuit that automatically senses if the system clock is
operating at 256 fS, 384 fS, or 512 fS.
When a 384-fS or 512-fS system clock is used, the PCM1801 automatically divides the clock down to 256 fS
internally. This 256-fS clock is used to operate the digital filter and the modulator. Table 2 lists the relationship of
typical sampling frequencies and system clock frequencies. Figure 23 illustrates the system clock timing.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com