Electronic Components Datasheet Search
  English  ▼

X  

PCM1801 Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM1801
Description  SINGLE-ENDED ANALOG-INPUT 16-BIT STEREO ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1801 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1801 Datasheet HTML 6Page - Texas Instruments PCM1801 Datasheet HTML 7Page - Texas Instruments PCM1801 Datasheet HTML 8Page - Texas Instruments PCM1801 Datasheet HTML 9Page - Texas Instruments PCM1801 Datasheet HTML 10Page - Texas Instruments PCM1801 Datasheet HTML 11Page - Texas Instruments PCM1801 Datasheet HTML 12Page - Texas Instruments PCM1801 Datasheet HTML 13Page - Texas Instruments PCM1801 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
DECIMATION FILTER
Normalized Frequency [
× fS Hz]
−200
−150
−100
−50
0
0
8
16
24
32
G014
Normalized Frequency [
× fS Hz]
−100
−80
−60
−40
−20
0
0.00
0.25
0.50
0.75
1.00
G015
Normalized Frequency [
× fS Hz]
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.0
0.1
0.2
0.3
0.4
0.5
G016
Normalized Frequency [
× fS Hz]
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
0.45
0.47
0.49
0.51
0.53
0.55
G017
−4.13 dB at 0.5 fS
PCM1801
SBAS131C – OCTOBER 2000 – REVISED JULY 2007
TYPICAL PERFORMANCE CURVES (continued)
All specifications at TA = 25°C, VDD = VCC = 5 V, fS = 44.1 kHz, and SYSCLK = 384 fS, unless otherwise noted
OVERALL CHARACTERISTICS
STOP-BAND ATTENUATION CHARACTERISTICS
Figure 14.
Figure 15.
PASS-BAND RIPPLE CHARACTERISTICS
TRANSITION BAND CHARACTERISTICS
Figure 16.
Figure 17.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com