Electronic Components Datasheet Search
  English  ▼

X  

PCM1801 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1801
Description  SINGLE-ENDED ANALOG-INPUT 16-BIT STEREO ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1801 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1801 Datasheet HTML 1Page - Texas Instruments PCM1801 Datasheet HTML 2Page - Texas Instruments PCM1801 Datasheet HTML 3Page - Texas Instruments PCM1801 Datasheet HTML 4Page - Texas Instruments PCM1801 Datasheet HTML 5Page - Texas Instruments PCM1801 Datasheet HTML 6Page - Texas Instruments PCM1801 Datasheet HTML 7Page - Texas Instruments PCM1801 Datasheet HTML 8Page - Texas Instruments PCM1801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
Single-End/
Differential
Converter
BCK
VINL
Reference
Single-End/
Differential
Converter
VREF1
VREF2
VINR
5th Order
Delta-Sigma
Modulator
5th Order
Delta-Sigma
Modulator
×1/64
Decimation
and
High-Pass
Filter
Power Supply
AGND
VCC
VDD
DGND
Clock/Timing Control
Serial Data
Interface
LRCK
DOUT
FMT
BYPAS
SCKI
(+)
(−)
(−)
(+)
PCM1801
B0004-02
Format
Control
PCM1801
SBAS131C – OCTOBER 2000 – REVISED JULY 2007
SINGLE-ENDED ANALOG-INPUT 16-BIT STEREO ANALOG-TO-DIGITAL CONVERTER
• DVD Recorders
• Dual 16-Bit Monolithic ΔΣ ADC
• DVD Receivers
• Single-Ended Voltage Input
• AV Amplifier Receivers
• Antialiasing Filter Included
• Electric Musical Instruments
• 64× Oversampling Decimation Filter:
Pass-Band Ripple:
±0.05 dB
Stop-Band Attenuation: –65 dB
The PCM1801 is a low-cost, single-chip stereo
• Analog Performance:
analog-to-digital converter (ADC) with single-ended
THD+N: –88 dB (typical)
analog
voltage
inputs.
The
PCM1801
uses
a
SNR: 93 dB (typical)
delta-sigma modulator with 64 times oversampling, a
Dynamic Range: 93 dB (typical)
digital decimation filter, and a serial interface that
Internal High-Pass Filter
supports slave mode operation and two data formats.
• PCM Audio Interface: Left-Justified, I2S
The PCM1801 is suitable for a wide variety of
cost-sensitive consumer applications where good
• Sampling Rate: 4 kHz to 48 kHz
performance is required.
• System Clock: 256 f
S, 384 fS, or 512 fS
• Single 5-V Power Supply
• Small SO-14 Package
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
System Two, Audio Precision are trademarks of Audio Precision, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1801

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1801 BURR-BROWN-PCM1801 Datasheet
101Kb / 13P
16-Bit, Stereo, Audio ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
PCM1801 TI1-PCM1801 Datasheet
302Kb / 22P
STEREO ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
PCM1801U BURR-BROWN-PCM1801U Datasheet
101Kb / 13P
16-Bit, Stereo, Audio ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
PCM1801U TI1-PCM1801U Datasheet
302Kb / 22P
STEREO ANALOG-TO-DIGITAL CONVERTER
PCM1801U/2K TI1-PCM1801U/2K Datasheet
302Kb / 22P
STEREO ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - PCM1801

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1800 BURR-BROWN-PCM1800 Datasheet
172Kb / 15P
Single-Ended Analog Input 20-Bit Stereo ANALOG-TO-DIGITAL CONVERTER
PCM1801 BURR-BROWN-PCM1801 Datasheet
101Kb / 13P
16-Bit, Stereo, Audio ANALOG-TO-DIGITAL CONVERTER
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com