Electronic Components Datasheet Search
  English  ▼

X  

PCM1801 Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM1801
Description  SINGLE-ENDED ANALOG-INPUT 16-BIT STEREO ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1801 Datasheet(HTML) 4 Page - Texas Instruments

  PCM1801 Datasheet HTML 1Page - Texas Instruments PCM1801 Datasheet HTML 2Page - Texas Instruments PCM1801 Datasheet HTML 3Page - Texas Instruments PCM1801 Datasheet HTML 4Page - Texas Instruments PCM1801 Datasheet HTML 5Page - Texas Instruments PCM1801 Datasheet HTML 6Page - Texas Instruments PCM1801 Datasheet HTML 7Page - Texas Instruments PCM1801 Datasheet HTML 8Page - Texas Instruments PCM1801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM1801
SBAS131C – OCTOBER 2000 – REVISED JULY 2007
All specifications at TA = 25°C, VDD = VCC = 5 V, fS = 44.1 kHz, 16-bit data, and SYSCLK = 384 fS, unless otherwise noted.
PCM1801U
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
16
Bits
DIGITAL INPUT/OUTPUT
VIH
(1)
2
Input logic level
VDC
VIL
(1)
0.8
IIN
(2)
±10
Input logic current
μA
IIN
(3)
100
VOH
(4)
IOH = –1.6 mA
4.5
Output logic level
VDC
VOL
(4)
IOL = 3.2 mA
0.5
fS
Sampling frequency
4
44.1
48
kHz
256 fS
1.024
11.2896
12.288
System clock frequency
384 fS
1.536
16.9344
18.432
MHz
512 fS
2.048
22.5792
24.576
DC ACCURACY
Gain mismatch, channel-to-channel
±1
±2.5
% of FSR
Gain error
±2
±5
% of FSR
Gain drift
±20
ppm of FSR/
°C
Bipolar zero error
High-pass filter bypassed
±2
% of FSR
Bipolar zero drift
High-pass filter bypassed
±20
ppm of FSR/
°C
DYNAMIC PERFORMANCE(5)
FS (–0.5 dB)
–88
–80
THD+N
dB
–60 dB
–90
Dynamic range
A-weighted
90
93
dB
Signal-to-noise ratio
A-weighted
90
93
dB
Channel separation
87
90
dB
ANALOG INPUT
Input range
FS (VIN = 0 dB)
2.828
Vp-p
Center voltage
2.1
V
Input impedance
30
k
Ω
Antialiasing filter frequency response
–3 dB
150
kHz
DIGITAL FILTER PERFORMANCE
Pass band
0.454 fS
Hz
Stop band
0.583 fS
Hz
Pass-band ripple
±0.05
dB
Stop-band attenuation
–65
dB
Delay time (latency)
17.4/fS
s
High-pass frequency response
–3 dB
0.019 fS
mHz
(1)
Pins 5, 6, 7, 9, and 10 (SCKI, BCK, LRCK, BYPAS, and FMT)
(2)
Pins 5, 6, 7 (SCKI, BCK, LRCK) Schmitt-trigger input
(3)
Pins 9, 10 (BYPAS, FMT) Schmitt-trigger input with 100-k
Ω typical pulldown resistor
(4)
Pin 8 (DOUT)
(5)
fIN = 1 kHz, using the System Two™ audio measurement system by Audio Precision™ in rms mode with 20-kHz LPF and 400-Hz HPF
in the performance calculation.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com