Electronic Components Datasheet Search
  English  ▼

X  

PCM1808 Datasheet(PDF) 15 Page - Texas Instruments

Part # PCM1808
Description  PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM1808 Datasheet HTML 11Page - Texas Instruments PCM1808 Datasheet HTML 12Page - Texas Instruments PCM1808 Datasheet HTML 13Page - Texas Instruments PCM1808 Datasheet HTML 14Page - Texas Instruments PCM1808 Datasheet HTML 15Page - Texas Instruments PCM1808 Datasheet HTML 16Page - Texas Instruments PCM1808 Datasheet HTML 17Page - Texas Instruments PCM1808 Datasheet HTML 18Page - Texas Instruments PCM1808 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
32/fS
48/f
in or 48/fS
Fade-In Start
Fade-In Complete
DOUT
DOUT
(Contents)
Normal Data
Synchronization Lost
Synchronous
1/f
S
BPZ
State of
Synchronization
Asynchronous
Synchronous
Resynchronization
Synchronization Lost
Asynchronous
Resynchronization
Synchronous
Normal Data
Undefined
Data
Normal Data
Zero Data
Zero Data
Normal Data
Fade-In Restart
32/f
S
48/f
in or 48/fS
PCM1808
www.ti.com
SLES177B – APRIL 2006 – REVISED AUGUST 2015
Feature Description (continued)
Table 1. Sampling Frequency and System Clock Frequency (continued)
SAMPLING FREQUENCY (kHz)
SYSTEM CLOCK FREQUENCY (fSCLK) (MHz)
256 fS
384 fS
512 fS
48
12.288
18.432
24.576
64
16.384
24.576
32.768
88.2
22.5792
33.8688
45.1584
96
24.576
36.864
49.152
7.3.3 Synchronization With Digital Audio System
In slave mode, the PCM1808 device operates under LRCK (pin 7), synchronized with system clock SCKI (pin 6).
The PCM1808 device does not require a specific phase relationship between LRCK and SCKI, but does require
the synchronization of LRCK and SCKI.
If the relationship between LRCK and SCKI changes more than ±6 BCKs for 64 BCK/frame (±5 BCKs for 48
BCK/frame) during one sample period due to LRCK or SCKI jitter, internal operation of the ADC halts within 1 / fS
and digital output goes to zero data (BPZ code) until resynchronization between LRCK and SCKI occurs.
In the case of changes less than ±5 BCKs for 64 BCK/frame (±4 BCKs for 48 BCK/frame), resynchronization
does not occur, and the previously described digital output control and discontinuity do not occur.
Figure 23 illustrates the digital output response for loss of synchronization and resynchronization. During
undefined data, the PCM1808 device can generate some noise in the audio signal. Also, the transition of normal
data to undefined data creates a discontinuity in the digital output data, which can generate some noise in the
audio signal. The digital output is valid after resynchronization completes and the time of 32 / fS has elapsed.
Because the fade-in operation is performed, it takes additional time of 48 / fin or 48 / fS to obtain the level
corresponding to the analog input signal. In the case of loss of synchronization during the fade-in or fade-out
operation, the operation stops and DOUT (pin 9) goes to zero data immediately. The fade-in operation resumes
from mute after the time of 32 / fS following resynchronization.
Figure 23. ADC Digital Output for Loss of Synchronization and Resynchronization
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: PCM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com