Electronic Components Datasheet Search
  English  ▼

X  

PCM1808 Datasheet(PDF) 19 Page - Texas Instruments

Part # PCM1808
Description  PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM1808 Datasheet HTML 15Page - Texas Instruments PCM1808 Datasheet HTML 16Page - Texas Instruments PCM1808 Datasheet HTML 17Page - Texas Instruments PCM1808 Datasheet HTML 18Page - Texas Instruments PCM1808 Datasheet HTML 19Page - Texas Instruments PCM1808 Datasheet HTML 20Page - Texas Instruments PCM1808 Datasheet HTML 21Page - Texas Instruments PCM1808 Datasheet HTML 22Page - Texas Instruments PCM1808 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+
5 V
V R
IN
V L
IN
FMT
MD1
MD0
DOUT
BCK
V
REF
AGND
V
CC
V
DD
DGND
SCKI
LRCK
+
C
1
(1)
+
C
2
(1)
3.3 V
C
5
(3)
PCM1808
+
C
3
(2)
+
4 µs (min)
Mask
X1
(4)
PLL170x
DSP
or
Audio
Processor
L-ch IN
R-ch IN
High/Low
Pin
Setting
(5)
C
4
(2)
PCM1808
www.ti.com
SLES177B – APRIL 2006 – REVISED AUGUST 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The PCM1808 device is suitable for wide variety of cost-sensitive consumer applications requiring good
performance and operation with a 5-V analog supply and 3.3-V digital supply.
8.2 Typical Application
(1)
C1, C2: A 1-
μF electrolytic capacitor gives 2.7 Hz (τ = 1 μF × 60 kΩ) cutoff frequency for the input HPF in normal
operation and requires a power-on settling time with a 60-ms time constant in the power-on initialization period.
(2)
C3, C4: Bypass capacitors, 0.1-
μF ceramic and 10-μF electrolytic, depending on layout and power supply
(3)
C5: Recommended capacitors are 0.1-
μF ceramic and 10-μF electrolytic.
(4)
X1: X1 masks the system clock input when using the clock-halt reset function with external control.
(5)
Optional external antialiasing filter could be required, depending on the application.
Figure 26. Typical Circuit Connection Diagram
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 4 as the input parameters.
Table 4. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Analog input voltage range
0 Vp-p to 3 Vp-p
Output
PCM audio data
System clock input frequency
2.048 MHz to 49.152 MHz
Output sampling frequency
8 kHz to 96 kHz
Power supply
3.3 V and 5 V
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: PCM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com