Electronic Components Datasheet Search
  English  ▼

X  

PCM1808 Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM1808
Description  PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1808 Datasheet HTML 18Page - Texas Instruments PCM1808 Datasheet HTML 19Page - Texas Instruments PCM1808 Datasheet HTML 20Page - Texas Instruments PCM1808 Datasheet HTML 21Page - Texas Instruments PCM1808 Datasheet HTML 22Page - Texas Instruments PCM1808 Datasheet HTML 23Page - Texas Instruments PCM1808 Datasheet HTML 24Page - Texas Instruments PCM1808 Datasheet HTML 25Page - Texas Instruments PCM1808 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
3
4
5
6
7
14
13
12
11
10
9
8
10 F
+
3.3 V
5 V
It is recommended to place a top layer ground pour for
shielding around PCM1808 and connect to lower main PCB
ground plane by multiple vias
V
REF
AGND
VCC
V
DD
DGND
SCK
LRCK
V R
in
V L
in
FMT
MD1
MD0
DOUT
BCK
PCM1808
Clock Signals to
DSP or Audio
Processor
1
2
Top Layer Ground Pour
Top Layer Signal Traces
Via to Bottom Ground Plane
Pad to Top Layer Ground Pour
0.1 F
0.1 F
1 F
0.1 F
10 F
1 F
R-ch IN
L-ch IN
Part configuration
pullups or pulldowns
Optional External RC
Antialiasing Circuit
Make sure to have
ground pour separating
the left- and right-
channel traces to help
prevent crosstalk.
Make sure to have
ground pour separating
the clock signals from
the surrounding traces.
10 F
PCM1808
SLES177B – APRIL 2006 – REVISED AUGUST 2015
www.ti.com
10.2 Layout Example
Figure 28. PCM1808 Layout Example
22
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: PCM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com