Electronic Components Datasheet Search
  English  ▼

X  

PCM1808 Datasheet(PDF) 17 Page - Texas Instruments

Part # PCM1808
Description  PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM1808 Datasheet HTML 13Page - Texas Instruments PCM1808 Datasheet HTML 14Page - Texas Instruments PCM1808 Datasheet HTML 15Page - Texas Instruments PCM1808 Datasheet HTML 16Page - Texas Instruments PCM1808 Datasheet HTML 17Page - Texas Instruments PCM1808 Datasheet HTML 18Page - Texas Instruments PCM1808 Datasheet HTML 19Page - Texas Instruments PCM1808 Datasheet HTML 20Page - Texas Instruments PCM1808 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
BPZ
Fade-In Start
DOUT
(Contents)
Fade-In Complete
Fade-Out Start
Fade-Out Complete
48/f
in or 48/fS
48/f
in or 48/fS
LRCK
Right-Channel
Left-Channel
BCK
DOUT
MSB
LSB
MSB
LSB
24-Bit, MSB-First, I S
2
Format 0: FMT = LOW
22 23 24
3
2
1
22 23 24
3
2
1
24-Bit, MSB-First, Left-Justified
BCK
LRCK
Right-Channel
Left-Channel
DOUT
1
22 23 24
3
2
1
MSB
LSB
MSB
LSB
22 23 24
3
2
1
Format 1: FMT = HIGH
PCM1808
www.ti.com
SLES177B – APRIL 2006 – REVISED AUGUST 2015
Figure 24. Audio Data Format (LRCK and BCK Work as Inputs in Slave Mode
and as Outputs in Master Mode)
7.3.5.3 Interface Timing
Figure 4 and Figure 5 illustrate the interface timing in slave mode and master mode, respectively.
7.4 Device Functional Modes
7.4.1 Fade-In and Fade-Out Functions
The PCM1808 device has fade-in and fade-out functions on DOUT (pin 9) to avoid pop noise, and the functions
come into operation in some cases as described in several following sections. Performance of the level changes
from 0 dB to mute or mute to 0 dB employs calculated pseudo S-shaped characteristics with zero-cross
detection. Because of the zero-cross detection, the time needed for the fade-in and fade-out depends on the
analog input frequency (fin). It takes 48 / fin to complete the processing. If there is no zero-cross during 8192 / fS,
a forced DOUT fade-in or fade-out occurs during 48 / fS (TIME OUT). Figure 25 illustrates the fade-in and fade-
out operation processing.
Figure 25. Fade-In and Fade-Out Operations
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: PCM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com