Electronic Components Datasheet Search
  English  ▼

X  

PCM1804DBR Datasheet(PDF) 16 Page - Texas Instruments

Part # PCM1804DBR
Description  FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1804DBR Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1804DBR Datasheet HTML 12Page - Texas Instruments PCM1804DBR Datasheet HTML 13Page - Texas Instruments PCM1804DBR Datasheet HTML 14Page - Texas Instruments PCM1804DBR Datasheet HTML 15Page - Texas Instruments PCM1804DBR Datasheet HTML 16Page - Texas Instruments PCM1804DBR Datasheet HTML 17Page - Texas Instruments PCM1804DBR Datasheet HTML 18Page - Texas Instruments PCM1804DBR Datasheet HTML 19Page - Texas Instruments PCM1804DBR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
www.ti.com
HIGH-PASS FILTER (HPF) FREQUENCY RESPONSE
Normalized Frequency − y fS/1000
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.0
0.1
0.2
0.3
0.4
G028
Normalized Frequency − y fS/1000
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
G029
PRINCIPLES OF OPERATION
THEORY OF OPERATION
PCM1804
SLES022C – DECEMBER 2001 – REVISED OCTOBER 2007
TYPICAL PERFORMANCE CURVES OF INTERNAL FILTER (continued)
STOP-BAND CHARACTERISTICS
PASS-BAND CHARACTERISTICS
Figure 28.
Figure 29.
The PCM1804 consists of a band-gap reference, a delta-sigma modulator with full-differential architecture for
L-channel and R-channel, a decimation filter with a high-pass filter, and a serial interface circuit. Figure 30
illustrates the total architecture of the PCM1804. An on-chip, high-precision reference with 10-
μF external
capacitor(s) provides all the reference voltage needed in the PCM1804, and it defines the full-scale voltage range
of both channels. Full-differential architecture provides a wide dynamic range and excellent power-supply
rejection performance. The input signal is sampled at
×128, ×64, and ×32 oversampling rates according to the
overasmpling ratio control, OSR[0:2]. The single rate, dual rate, and quad rate eliminate the external sample-hold
amplifier. Figure 31 illustrates how for each oversampling ratio the PCM1804 decimates the modulator output
down to PCM data when the modulator is running at 6.144 MHz. The delta-sigma modulation randomizes the
modulator outputs and reduces the idle tone level. The oversampled data stream from the delta-sigma modulator
is converted to a 1-fS, 24-bit digital signal, while removing high-frequency noise components using a decimation
filter. The dc components of the signal are removed by the HPF, and the HPF output is converted to a
time-multiplexed serial signal through the serial interface, which provides flexible serial formats and master/slave
modes. The PCM1804 also has a DSD output mode. The PCM1804 can output the signal directly from the
modulators to DSDL (pin 16) and DSDR (pin 15).
16
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated
Product Folder Link(s): PCM1804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com