Electronic Components Datasheet Search
  English  ▼

X  

PCM1804DBR Datasheet(PDF) 18 Page - Texas Instruments

Part # PCM1804DBR
Description  FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1804DBR Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM1804DBR Datasheet HTML 14Page - Texas Instruments PCM1804DBR Datasheet HTML 15Page - Texas Instruments PCM1804DBR Datasheet HTML 16Page - Texas Instruments PCM1804DBR Datasheet HTML 17Page - Texas Instruments PCM1804DBR Datasheet HTML 18Page - Texas Instruments PCM1804DBR Datasheet HTML 19Page - Texas Instruments PCM1804DBR Datasheet HTML 20Page - Texas Instruments PCM1804DBR Datasheet HTML 21Page - Texas Instruments PCM1804DBR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
www.ti.com
SYSTEM CLOCK INPUT
SCKI
0.8 V
SCKI
2 V
tw(SCKL)
tw(SCKH)
T0005B07
POWER-ON AND RESET FUNCTIONS
POWER-DOWN FUNCTION
OVERSAMPLING RATIO
PCM1804
SLES022C – DECEMBER 2001 – REVISED OCTOBER 2007
PRINCIPLES OF OPERATION (continued)
The PCM1804 supports 128 fS, 192 fS (only in master mode at quad rate), 256 fS, 384 fS, 512 fS, and 768 fS as a
system clock, where fS is the audio sampling frequency. The system clock must be supplied on SCKI (pin 18).
Table 3 shows the relationship of typical sampling frequency and the system clock frequency, and Figure 32
shows system clock timing. In master mode, the system clock rate is selected by OSR2 (pin 11), OSR1 (pin 10),
and OSR0 (pin 9) as shown in Table 1. In slave mode, the system clock rate is automatically detected. In DSD
mode, OSR2 (pin 11), OSR1 (pin 10), OSR0 (pin 9), and the system clock frequency are fixed as shown in
Table 1 and Table 3.
PARAMETER
MIN
UNIT
tw(SCKH)
System clock pulse duration, HIGH
11
ns
tw(SCKL)
System clock pulse duration, LOW
11
ns
Figure 32. System Clock Input Timing
The PCM1804 has both an internal power-on-reset circuit and RST (pin 19). For internal power-on reset,
initialization (reset) is performed automatically at the time when the power supply VDD exceeds 2 V (typical) and
VCC exceeds 4 V (typical). RST accepts external forced reset, and a low level on RST initiates the reset
sequence. Because an internal pulldown resistor terminates RST, no connection of RST is equivalent to a
low-level input. Because the system clock is used as a clock signal for the reset circuit, the system clock must be
supplied as soon as power is supplied; more specifically, at least three system clocks are required prior to VDD >
2 V, VCC > 4 V, and RST = high. While VDD < 2 V (typical), VCC < 4 V (typical), or RST = low, and 1/fS (maximum)
count after VDD > 2 V (typical),VCC > 4 V (typical) and RST = high, the PCM1804 stays in the reset state and the
digital output is forced to zero. The digital output is valid after the reset state is released and the time of 1116/fS
has passed. Figure 33 and Figure 34 illustrate the internal power-on-reset and external-reset timing, respectively.
Figure 35 illustrates the digital output for power-on reset and RST control. The PCM1804 needs RST = low when
control pins are changed or in slave mode when SCKI, LRCK, and BCK are changed.
The PCM1804 has a power-down feature that is controlled by RST (pin 19). Entering the power-down mode is
done by keeping the RST input level low for more than 65536/fS. In the master mode, the SCKI (pin 18) is used
as the clock signal for the power-down counter. While in the slave mode, SCKI (pin 18) and LRCK (pin 17) are
used as the clock signal. The clock(s) must be supplied until the power-down sequence completes. As soon as
RST goes high, the PCM1804 starts the reset-release sequence described in the Power-On and Reset Functions
section.
The oversampling ratio is selected by OSR2 (pin 11), OSR1 (pin 10), and OSR0 (pin 9) as shown in Table 1 and
Table 2. The PCM1804 needs RST = low when logic levels on the OSR2, OSR1, and OSR0 pins are changed.
18
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated
Product Folder Link(s): PCM1804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com