Electronic Components Datasheet Search
  English  ▼

X  

PCM1804DBR Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1804DBR
Description  FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1804DBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1804DBR Datasheet HTML 2Page - Texas Instruments PCM1804DBR Datasheet HTML 3Page - Texas Instruments PCM1804DBR Datasheet HTML 4Page - Texas Instruments PCM1804DBR Datasheet HTML 5Page - Texas Instruments PCM1804DBR Datasheet HTML 6Page - Texas Instruments PCM1804DBR Datasheet HTML 7Page - Texas Instruments PCM1804DBR Datasheet HTML 8Page - Texas Instruments PCM1804DBR Datasheet HTML 9Page - Texas Instruments PCM1804DBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM1804
SLES022C – DECEMBER 2001 – REVISED OCTOBER 2007
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, single-speed mode, fS = 48 kHz, system clock = 256 fS,
24-bit data, unless otherwise noted.
PCM1804DB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Resolution
24
Bits
DATA FORMAT
Audio data interface format
Standard, I2S, left-justified
Audio data bit length
24
Bits
MSB first,
Audio data format
2s complement, DSD
DIGITAL INPUT/OUTPUT
Logic family
TTL compatible
(1) (2)
2
5.5
VIH
High-level input voltage
Vdc
(3)
2
VDD
VIL
Low-level input voltage
(1) (2) (3)
0.8
Vdc
VIN = VDD
(1)
65
100
IIH
High-level input current
VIN = VDD
(2)
±10
μA
VIN = VDD
(3)
±100
VIN = 0 V
(1) (2)
±10
IIL
Low-level input current
μA
VIN = 0 V
(3)
±50
VOH
High-level output voltage
IOH = –1 mA
(4)
2.4
Vdc
VOL
Low-level output voltage
IOL = 1 mA
(4)
0.4
Vdc
CLOCK FREQUENCY
fS
Sampling frequency
32
192
kHz
256 fS, single rate
(5)
12.288
384 fS, single rate
(5)
18.432
512 fS, single rate
(5)
24.576
768 fS, single rate
(5)
36.864
System clock frequency
MHz
256 fS, dual rate
(6)
24.576
384 fS, dual rate
(6)
36.864
128 fS, quad rate
(7)
24.576
192 fS, quad rate
(7)
36.864
DC ACCURACY
Gain mismatch, channel-
±3
% of FSR
to-channel
Gain error (VIN = –0.5 dB)
±4
% of FSR
Bipolar zero error
HPF bypass
±0.2
% of FSR
(1)
Pins 6–11, 19: FMT0, FMT1, S/M, OSR0, OSR1, OSR2, RST [Schmitt-trigger input with internal pulldown (51 k
μ typically), 5-V tolerant]
(2)
Pin 18: SCKI (Schmitt-trigger input, 5-V tolerant)
(3)
Pins 12, 16–17: BYPAS, BCK/DSDL, LRCK/DSDBCK (in slave mode, Schmitt-trigger input)
(4)
Pins 15–17, 20, and 21: DATA/DSDR, BCK/DSDL, LRCK/DSDBCK (in master mode), OVFR, OVFL
(5)
Single rate, fS = 48 kHz
(6)
Dual rate, fS = 96 kHz
(7)
Quad rate, fS = 192 kHz
6
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated
Product Folder Link(s): PCM1804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com