Electronic Components Datasheet Search
  English  ▼

X  

PCM1804DBR Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM1804DBR
Description  FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1804DBR Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM1804DBR Datasheet HTML 19Page - Texas Instruments PCM1804DBR Datasheet HTML 20Page - Texas Instruments PCM1804DBR Datasheet HTML 21Page - Texas Instruments PCM1804DBR Datasheet HTML 22Page - Texas Instruments PCM1804DBR Datasheet HTML 23Page - Texas Instruments PCM1804DBR Datasheet HTML 24Page - Texas Instruments PCM1804DBR Datasheet HTML 25Page - Texas Instruments PCM1804DBR Datasheet HTML 26Page - Texas Instruments PCM1804DBR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
www.ti.com
BCK
LRCK
DATA
tw(BCKH)
tw(BCKL)
t(CKLR)
t(LRCP)
t(BCKP)
t(CKDO)
t(LRDO)
0.5 VDD
0.5 VDD
0.5 VDD
T0018-03
PCM1804
SLES022C – DECEMBER 2001 – REVISED OCTOBER 2007
PARAMETERS
MIN
TYP
MAX
UNIT
t(BCKP)
BCK period
1/(64 fS)
(3)
tw(BCKH)
BCK pulse duration, HIGH
32
ns
tw(BCKL)
BCK pulse duration, LOW
32
ns
t(CKLR)
Delay time, BCK falling edge to LRCK valid
–5
15
ns
t(LRCP)
LRCK period
1/fS
t(CKDO)
Delay time, BCK falling edge to DATA valid
–5
15
ns
t(LRDO)
Delay time, LRCK edge to DATA valid
–5
15
ns
tr
Rising time of all signals(1)(2)
10
ns
tf
Falling time of all signals(1)(2)
10
ns
(1)
Rising and falling times are measured from 10% to 90% of IN/OUT signal swing.
(2)
Load capacitance of all signals is 10 pF.
(3)
t(BCKP) is fixed at 1/(64 fS) in case of master mode.
Figure 37. Audio Data Interface Timing for PCM (Master Mode: LRCK and BCK Work as Outputs)
Copyright © 2001–2007, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): PCM1804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com