Electronic Components Datasheet Search
  English  ▼

X  

PCM1804DBR Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM1804DBR
Description  FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1804DBR Datasheet(HTML) 4 Page - Texas Instruments

  PCM1804DBR Datasheet HTML 1Page - Texas Instruments PCM1804DBR Datasheet HTML 2Page - Texas Instruments PCM1804DBR Datasheet HTML 3Page - Texas Instruments PCM1804DBR Datasheet HTML 4Page - Texas Instruments PCM1804DBR Datasheet HTML 5Page - Texas Instruments PCM1804DBR Datasheet HTML 6Page - Texas Instruments PCM1804DBR Datasheet HTML 7Page - Texas Instruments PCM1804DBR Datasheet HTML 8Page - Texas Instruments PCM1804DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
www.ti.com
PCM1804
SLES022C – DECEMBER 2001 – REVISED OCTOBER 2007
Terminal Functions
TERMINAL
I/O
DESCRIPTIONS
NAME
PIN
AGND
23
–
Analog ground
AGNDL
2
–
Analog ground for VREFL
AGNDR
27
–
Analog ground for VREFR
BCK/DSDL
16
I/O
Bit clock input/output in PCM mode. L-channel audio data output in DSD mode. (1)
BYPAS
12
I
HPF bypass control. High: HPF disabled, Low: HPF enabled (1)
DATA/DSDR
15
O
L-channel and R-channel audio data output in PCM mode. R-channel audio data output in DSD mode. (DSD
output, when in DSD mode)
DGND
13
–
Digital ground
FMT0
6
I
Audio data format 0. See Table 5. (2)
FMT1
7
I
Audio data format 1. See Table 5. (2)
LRCK/DSDBCK
17
I/O
Sampling clock input/output in PCM and DSD modes. (1)
OSR0
9
I
Oversampling ratio 0. See Table 1 and Table 2. (2)
OSR1
10
I
Oversampling ratio 1. See Table 1 and Table 2. (2)
OSR2
11
I
Oversampling ratio 2. See Table 1 and Table 2. (2)
OVFL
21
O
Overflow signal of L-channel in PCM mode. This is available in PCM mode only.
OVFR
20
O
Overflow signal of R-channel in PCM mode. This is available in PCM mode only.
RST
19
I
Reset, power-down input, active-low (2)
SCKI
18
I
System clock input; 128 fS, 256 fS, 384 fS, 512 fS, or 768 fS.
(3)
S/M
8
I
Slave/master mode selection. See Table 4. (2)
VCC
22
–
Analog power supply
VCOML
3
–
L-channel analog common-mode voltage (2.5 V)
VCOMR
26
–
R-channel analog common-mode voltage (2.5 V)
VDD
14
–
Digital power supply
VINL–
5
I
L-channel analog input, negative pin
VINL+
4
I
L-channel analog input, positive pin
VINR–
24
I
R-channel analog input, negative pin
VINR+
25
I
R-channel analog input, positive pin
VREFL
1
–
L-channel voltage reference output, requires capacitors for decoupling to AGND
VREFR
28
–
R-channel voltage reference output, requires capacitors for decoupling to AGND
(1)
Schmitt-trigger input
(2)
Schmitt-trigger input with internal pulldown (51 k
μ typically), 5-V tolerant.
(3)
Schmitt-trigger input, 5-V tolerant.
4
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated
Product Folder Link(s): PCM1804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com