Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4613
Description  8A, High Voltage Power µModule Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 6 Page - Linear Technology

  LTM4613 Datasheet HTML 1Page - Linear Technology LTM4613 Datasheet HTML 2Page - Linear Technology LTM4613 Datasheet HTML 3Page - Linear Technology LTM4613 Datasheet HTML 4Page - Linear Technology LTM4613 Datasheet HTML 5Page - Linear Technology LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
dc1743af
DEMO MANUAL DC1743A
pArts list
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
CFF
CAP, NPO 47pF 50V 10% 0603
AVX 06035A470KAT1A
2
1
CIN1
CAP, ALUM 100µF 50V 10%
SUNCON 50CE100FS
3
5
CIN2, CIN3, C8, C9, C10
CAP, X5R 10µF 50V 20% 1210
TAIYO YUDEN UMK325BJ106MM-T
4
3
COUT1, COUT2, COUT6
CAP, X5R 47µF 16V 20% 1210
TAIYO YUDEN EMK325BJ476MM
5
1
COUT4
CAP, X5R 10µF 16V 20% 1210
TDK C3225X5R1C106M
6
1
COUT5
CAP, X7R 1µF 16V 10% 0603
TDK C1608X7R1C105K
7
1
COUT7
CAP, POSCAP 47µF 16V 20% 7343
SANYO 16TQC47M
8
1
CSS
CAP, X7R 0.1µF 16V 20% 0603
AVX 0603YC104MAT2A
9
1
R14
RES, CHIP 22.1k 0.06W 1% 0603
VISHAY CRCW060322K1FKEA
10
1
R16
RES, CHIP 13.7k 0.06W 1% 0603
VISHAY CRCW060313K7FKEA
11
1
R17
RES, CHIP 5.23k 0.06W 1% 0603
YAYEO, RC0603FR-075K23L
12
2
R2, R12
RES, CHIP 51k 0.06W 5% 0603
VISHAY CRCW060351K0JNEA
13
1
R15
RES, CHIP 10k 0.06W 5% 0603
VISHAY CRCW060310K0JNEA
14
1
R4
RES, CHIP 392k 0.06W 1% 0603
VISHAY CRCW0603392KFKEA
15
1
D1
ZENER DIODE, 5.1V SOT23
ON SEMICONDUCTOR MMBZ5231B
16
1
U1
I.C., VOLTAGE REG
LINEAR TECHNOLOGY CORPORATION LTM4613EV
Additional Demo Board Circuit Components
1
1
Q1
MOSFET, N-CHANNEL 30V
VISHAY SILICONIX SUD50N03-09
2
1
C1
CAP, X7R 1µF 16V 10% 0603
TDK C1608X7R1C105K
3
0
COUT3, CIN4, CIN5 (OPT) CAP, 1210
4
0
CIN6 (OPT)
CAP, 0805
5
0
C2, C3, C6, C7, CP (OPT) CAP, 0603
6
1
R1
RES, CHIP 10k 0.06W 5% 0603
VISHAY CRCW060310K0JNEA
7
1
R3
RES, LRC 0.020 1W 5% 2512
IRC LRF2512-01-R020-J
8
2
R5, R9
RES, CHIP 0Ω 1/16W 1A 0603
VISHAY CRCW0603000Z
9
0
R6, R7, R8, R10, R11, R13
(OPT)
RES, 0603
Hardware
1
4
JP1, JP2, JP3, JP4
HEADERS, 3 PINS 2mm CTRS
SAMTEC TMM-103-02-L-S
2
3
JP5, JP6, JP7
JUMPER, 2 PINS 2mm CTRS
SAMTEC TMM-102-02-L-S
3
4
J1, J2, J5, J6
CONNECTOR, BANANA JACK
KEYSTONE 575-4
4
1
J3
BNC CONNECTOR
CONNEX 112404
5
2
J4, J7
TEST PROBE, CONNECTOR
TEKTRONIC 131-4353-00
6
11
E1 TO E4, E6 TO E12
TURRET, TESTPOINT
MILL MAX 2501-2-00-80-00-00-07-0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com