Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4613
Description  8A, High Voltage Power µModule Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 4 Page - Linear Technology

  LTM4613 Datasheet HTML 1Page - Linear Technology LTM4613 Datasheet HTML 2Page - Linear Technology LTM4613 Datasheet HTML 3Page - Linear Technology LTM4613 Datasheet HTML 4Page - Linear Technology LTM4613 Datasheet HTML 5Page - Linear Technology LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
dc1743af
DEMO MANUAL DC1743A
Efficiency vs Load Current
(VIN = 12V)
Efficiency vs Load Current
(VIN = 24V)
Efficiency vs Load Current
(VIN = 36V)
Figure 3. Measured DC1743A Efficiency at Different VIN and VOUT (DCM Mode Enabled)
Figure 2. Measuring VIN or VOUT Ripple
LOAD CURRENT (A)
0
80
85
95
90
100
4
6
DC1743A F03a
75
70
60
65
2
8
55
50
VOUT = 3.3V
VOUT = 5V
DC1743A F02
SCOPE PROBE
LOAD CURRENT (A)
0
80
85
95
90
100
4
6
DC1743A F03b
75
70
60
65
2
8
55
50
VOUT = 3.3V
VOUT = 5V
VOUT = 12V
qUick stArt proceDUre
LOAD CURRENT (A)
0
80
85
100
90
95
4
6
DC1743A F03c
75
70
60
65
2
8
55
50
VOUT = 3.3V
VOUT = 5V
VOUT = 12V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com