Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4613
Description  8A, High Voltage Power µModule Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 1 Page - Linear Technology

  LTM4613 Datasheet HTML 1Page - Linear Technology LTM4613 Datasheet HTML 2Page - Linear Technology LTM4613 Datasheet HTML 3Page - Linear Technology LTM4613 Datasheet HTML 4Page - Linear Technology LTM4613 Datasheet HTML 5Page - Linear Technology LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
dc1743af
DEMO MANUAL DC1743A
Description
LTM4613
8A, High Voltage Power
µModule Regulator
DemonstrationcircuitDC1743AfeaturestheLTM®4613EV,
anEN55022classBcertified,highinputandoutputvoltage,
high efficiency, switch mode step-down power µModule®
regulator. The input voltage range is from 5V to 36V. The
output voltage is jumper programmable from 3.3V to 12V
with a rated load current of 8A. Derating is necessary
for certain VIN, VOUT, frequency and thermal conditions:
please refer to LTM4613 data sheet for derating curves.
Only input and output capacitors are needed externally.
The DC1743A offers the TRACK/SS pin allowing the user
to program output tracking or soft-start period. Output
perForMAnce sUMMArY
BoArD photo
voltage margining can also be realized through jumper
position selections.
Higherefficiencyatlowloadcurrentsisachievedbysetting
the MODE pin jumper to DCM. The PLL pin is available
to synchronize the LTM4613EV to an external clock. The
LTM4613 data sheet must be read in conjunction with
this demo manual prior to working on or modifying demo
circuit DC1743A.
Design files for this circuit board are available at
http://www.linear.com/demo
(TA = 25°C)
PARAMETER
CONDITIONS
VALUE
Input Voltage Range
5V to 36V
Output Voltage VOUT
Jumper Selectable
3.3V, 5V, 12V; ± 2%
Maximum Continuous Output Current
Derating Is Necessary for Certain Operating Conditions. See Data Sheet
for Details.
8ADC
Default Operating Frequency
VOUT = 12V
VOUT = 5V
VOUT = 3.3V
600kHz
250kHz
165kHz
Efficiency
VIN = 12V, VOUT = 5V, IOUT = 8A
93.0% See Figure 3
Load Transient
VIN = 12V, VOUT = 5V
See Figure 4
L
, LT, LTC, LTM, µModule, Linear Technology and the Linear logo are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LTM4613

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4613 LINER-LTM4613 Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4613 LINER-LTM4613 Datasheet
347Kb / 20P
3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM4613 LINER-LTM4613 Datasheet
357Kb / 28P
36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM4613 LINER-LTM4613 Datasheet
2Mb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4613 LINER-LTM4613 Datasheet
469Kb / 28P
de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
More results

Similar Description - LTM4613

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1083 SIPEX-SPX1083 Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
226Kb / 5P
8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
Advanced Monolithic Sys...
AMS1083 ADMOS-AMS1083 Datasheet
71Kb / 8P
8A LOW DROPOUT VOLTAGE REGULATOR
AMS1508 ADMOS-AMS1508 Datasheet
76Kb / 9P
8A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SPX1584 SIPEX-SPX1584 Datasheet
242Kb / 5P
8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
Advanced Monolithic Sys...
AMS1508 ADMOS-AMS1508_05 Datasheet
174Kb / 9P
8A LOW DROPOUT VOLTAGE REGULATOR
AMS1083 ADMOS-AMS1083_05 Datasheet
69Kb / 8P
8A LOW DROPOUT VOLTAGE REGULATOR
logo
International Rectifier
IR3871MPBF IRF-IR3871MPBF Datasheet
1Mb / 21P
8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Linear Technology
LTM4608AEV LINER-LTM4608AEV Datasheet
1Mb / 6P
8A Step-Down Power 關Module짰 Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com