Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4613
Description  8A, High Voltage Power µModule Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 2 Page - Linear Technology

  LTM4613 Datasheet HTML 1Page - Linear Technology LTM4613 Datasheet HTML 2Page - Linear Technology LTM4613 Datasheet HTML 3Page - Linear Technology LTM4613 Datasheet HTML 4Page - Linear Technology LTM4613 Datasheet HTML 5Page - Linear Technology LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc1743af
DEMO MANUAL DC1743A
qUick stArt proceDUre
Demonstration circuit DC1743A is an easy way to evalu-
ate the performance of the LTM4613EV. Please refer to
Figure 1 for proper measurement equipment setup and
follow the procedure below:
1. Place jumpers in the following positions for a typical
3.3VOUT application:
MODE
MARG1
MARG0
VOUT SELECT
RUN
CCM
LO
LO
3.3V
ON
2. With power off, connect the input power supply, load
and meters as shown in Figure 1. Preset the load to 0A
and VIN supply to be 0V.
3. Turn on the power at the input. Increase VIN to 12V
(do not hot-plug the input supply or apply more than
the rated maximum voltage of 36V to the board or the
part may be damaged). The output voltage should be
regulated and deliver the selected output voltage ± 2%.
4. Vary the input voltage from 5V to 36V and adjust the
load current from 0A to 8A. Observe the output voltage
regulation, ripple voltage, efficiency, and other param-
eters.
5. To measure input or output ripple, insert the scope
probe to J7 or J4.
6. Foroptionalloadtransienttest,applyanadjustablepulse
signal between IOSTEP_CLK and GND test points. The
pulse amplitude sets the load step current amplitude.
The pulse duty cycle should be low (< 5%) to limit the
thermal stress on the load transient circuit. The load
step current can be monitored with a BNC connected
to J3 (20mV/A). The output voltage can be monitored
at the probe jack J4.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com