Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4613
Description  8A, High Voltage Power µModule Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 5 Page - Linear Technology

  LTM4613 Datasheet HTML 1Page - Linear Technology LTM4613 Datasheet HTML 2Page - Linear Technology LTM4613 Datasheet HTML 3Page - Linear Technology LTM4613 Datasheet HTML 4Page - Linear Technology LTM4613 Datasheet HTML 5Page - Linear Technology LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
dc1743af
DEMO MANUAL DC1743A
Figure 5. Thermal Image of LTM4613
Figure 4. Measured Load Transient Responses
VIN = 24V
VOUT = 12V
ILOAD = 8A
AMBIENT TEMPERATURE = 23.3°C
NO FORCED AIR FLOW
DC1743A F05
qUick stArt proceDUre
VIN = 12V, VOUT = 5V
0A TO 4A LOAD STEP
COUT = 1x47µF/16V/POSCAP+3x47µF/16V/X5R+1x10µF/16V/X5R
100µs/DIV
IOUT_STEP
5A/DIV
VOUT
100mV/DIV
DC1743A F04a
VIN = 24V, VOUT = 12V
0A TO 4A LOAD STEP
COUT = 1x47µF/16V/POSCAP+3x47µF/16V/X5R+1x10µF/16V/X5R
IOUT_STEP
5A/DIV
VOUT
200mV/DIV
DC1743A F04b
100µs/DIV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com