Electronic Components Datasheet Search
  English  ▼

X  

PCH Datasheet(PDF) 28 Page - TE Connectivity Ltd

Part # PCH
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCH Datasheet(HTML) 28 Page - TE Connectivity Ltd

Back Button PCH Datasheet HTML 24Page - TE Connectivity Ltd PCH Datasheet HTML 25Page - TE Connectivity Ltd PCH Datasheet HTML 26Page - TE Connectivity Ltd PCH Datasheet HTML 27Page - TE Connectivity Ltd PCH Datasheet HTML 28Page - TE Connectivity Ltd PCH Datasheet HTML 29Page - TE Connectivity Ltd PCH Datasheet HTML 30Page - TE Connectivity Ltd PCH Datasheet HTML 31Page - TE Connectivity Ltd PCH Datasheet HTML 32Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Solid State Relays
Relays, Contactors & Circuit Breakers
PCB mount not applicable.
Visit
TE.com for more information
PCB mount not applicable.
Visit
TE.com for more information
PCB mount not applicable.
Visit
TE.com for more information
Typical Applications
Industrial machinery
HVAC
Building controls
Industrial machinery
HVAC
Building controls
Industrial machinery
HVAC
Building controls
Output Data
Load Voltage
Repetitive Blocking Voltage
Load Current Range
Leakage Current (Off-State)
On-State Voltage Drop (Max.)
Load Power Factor Rating
Thermal Resistance, Junction
to Case (R0J-C) (Max.)
24 - 280VAC/48 - 660VAC
600VAC/1200VAC
25A/50A/125A
5mA
1.8V
0.5 - 1.0
2.35/0.55/0.35
24 - 280VAC
600VAC
25A/40A
5mA
1.8V
0.5 - 1.0
2.35/0.86
24 - 280VAC
600VAC
10A/25A
5mA
1.6V
0.5 - 1.0
2.4/1.7
Input Data (AC/DC)
Control Voltage Range VIN
Must Operate Voltage
VIN(OP) (Min.)
Must release Voltage
VIN(REL) (Min.)
Input Current
90 - 280VAC/3 - 32VDC
90VAC/3VDC
10VAC/1VDC
2 - 26mA / 3 - 30mA
4 - 15VDC
4VDC
1VDC
15mA @ 8VDC
90 - 280VAC/3 - 32VDC
90VAC/3VDC
10VAC/1VDC
25mA/20mA
Dielectric Strength
Isolation:
4000Vrms
4000Vrms
4000Vrms
Other Data
Dimensions
Operating Temperature
Mounting
UL File No
46.5x57.8x43.4mm
–30 to +80°C
Panel
E29244
44.5x57.8x30.15mm
–30 to +80°C
Panel
E29244
45x57.5x36.5mm
–30 to +80°C
Panel
E29244
Link to datasheet
Potter & Brumfield SSR
Potter & Brumfield SSRD
Potter & Brumfield SSRT
INDUSTRIAL /// QUICK REFERENCE GUIDE INDUSTRIAL RELAYS
Potter & Brumfield SSR
Standard “hockey puck” package
Inverse parallel SCR output
240VAC & 480VAC output types
Zero voltage and random voltage
turn-on versions
4,000Vrms optical isolation
Cover design with anti-rotation
barriers
1 Form A (SPST-NO)
Potter & Brumfield SSRD
Two independent AC output solid
state relays
Standard “hockey puck” package
Inverse parallel SCR output
4000Vrms optical isolation
Quick connect style termination
2 Form A (2 SPST-NO)
Potter & Brumfield SSRT
Standard “hockey puck” package
TRIAC Output
4,000Vrms optical isolation
Cover design with anti-rotation barriers
1 Form A (SPST-NO)
Key Features
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com