Electronic Components Datasheet Search
  English  ▼

X  

PCH Datasheet(PDF) 31 Page - TE Connectivity Ltd

Part # PCH
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCH Datasheet(HTML) 31 Page - TE Connectivity Ltd

Back Button PCH Datasheet HTML 27Page - TE Connectivity Ltd PCH Datasheet HTML 28Page - TE Connectivity Ltd PCH Datasheet HTML 29Page - TE Connectivity Ltd PCH Datasheet HTML 30Page - TE Connectivity Ltd PCH Datasheet HTML 31Page - TE Connectivity Ltd PCH Datasheet HTML 32Page - TE Connectivity Ltd PCH Datasheet HTML 33Page - TE Connectivity Ltd PCH Datasheet HTML 34Page - TE Connectivity Ltd PCH Datasheet HTML 35Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
PAGE 31
1.35
MAX.
(34.3)
.700
(17.8)
.900
(22.8)
1.70
(43.1)
1.100
(27.9)
.200
(5.1)
.050
(1.3)
.040
(1.0)
DIA.
4 PLACES
.300
(7.6)
TYP.
.72
(18.3)
TYP.
1.6 TYP.
(38.1)
4
–
3
+
21
PIN 1: AC LOAD
PIN 2: AC LOAD
PIN 3: + DC INPUT
PIN 4: – DC INPUT
PIN ASSIGNMENTS:
0.4
(10.16)
.10
(2.54)
1.2
(30.5)
1.4
(35.6)
1.6
(40.6)
0.7
(17.8)
0.3
(7.62)
Solid State Relays
Relays, Contactors & Circuit Breakers
Key Features
Footprint
2) see footnote below
Potter & Brumfield SSRF
25A SIP Solid State Relay with integrated
heat sink
Inverse parallel SCR output
4000Vrms optical isolation
1 Form A (SPST-NO)
Potter & Brumfield IACM
Slim Solid State AC Input Module
Color coded by function - Yellow
4000V Vrms optical isolation
Compatible with 2IO series mounting boards
1 Form A (SPST-NO)
Typical Applications
Industrial machinery
HVAC
Building controls
Industrial machinery
HVAC
Building controls
Output Data
Load Voltage
Repetitive Blocking Voltage
Load Current Range
Leakage Current (Off-State)
On-State Voltage Drop (Max.)
Load Power Factor Rating
Thermal Resistance, Junction to Case (R0J-C) (Max.)
12 - 280VAC/48 - 660VAC
600VAC/1200VAC
10A (CC)/25A (FAC)
0.1mA
1.6V
0.5 - 1.0
-
30VDC
-
50mA
10uA
0.2VDC
-
-
Input Data (AC/DC)
Control Voltage Range VIN
Must Operate Voltage VIN(OP) (Min.)
Must release Voltage VIN(REL) (Min.)
Input Current
3 - 15VDC
4VDC
1VDC
15mA
24VAC/120VAC/240VAC
18VAC/90VAC/280VAC
10VAC/60VAC/60VAC
1-5mA
Dielectric Strength
Isolation:
4000Vrms
4000Vrms
Other Data
Dimensions
Operating Temperature
Mounting
UL File No
43.1x22.8x34.3mm
–30 to + 80°C
PCB
E29244
43.5x10.3x25.5mm
–30 to 100°C
PCB
E29244
Link to datasheet
Potter & Brumfield SSRF
Potter & Brumfield IACM
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com