Electronic Components Datasheet Search
  English  ▼

X  

PCH Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # PCH
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCH Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button PCH Datasheet HTML 6Page - TE Connectivity Ltd PCH Datasheet HTML 7Page - TE Connectivity Ltd PCH Datasheet HTML 8Page - TE Connectivity Ltd PCH Datasheet HTML 9Page - TE Connectivity Ltd PCH Datasheet HTML 10Page - TE Connectivity Ltd PCH Datasheet HTML 11Page - TE Connectivity Ltd PCH Datasheet HTML 12Page - TE Connectivity Ltd PCH Datasheet HTML 13Page - TE Connectivity Ltd PCH Datasheet HTML 14Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Power PCB Relays up to 50A+
Relays, Contactors & Circuit Breakers
.140 MAX.
(3.56)
.250 MAX.
(6.35)
.300
(7.62)
.100
(2.54)
.150
(3.81)
.500
(12.7)
.550
(13.97)
.700
(17.78)
.600
(15.24)
INDUSTRIAL /// QUICK REFERENCE GUIDE INDUSTRIAL RELAYS
Potter & Brumfield T9G
High breaking capacity
PCB and quick connect connections
4kV/8mm coil-contact
Minimum board space
(29mm x 21.5mm)
UL-class F as standard
Potter & Brumfield T9A
High breaking capacity
PCB and quick connect and
chassis mount version
UL-class F as standard
Open version available
Potter & Brumfield T9S/T9V
1 pole 35A (T9S)/40A (T9V)
Contact gap 1.5mm/1.8mm min.
Ambient temperature up to 85°C at 35A
Production in accordance to IEC 60335-1
RoHS compliant (Directive 2002/95/EC)
Applications
HVAC, Appliances
Industrial control
Energy management
HVAC
Appliances
Industrial controls
Photovoltaic inverter
Electrical vehicle loading stations
Electrical vehicle
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Contact material
Min. recommended
contact load
1 form C (1 CO)
1 form B (1 NC)
1 form A (1 NO)
250VAC
30A
AgSnO
2
1A at 12VAC/VDC
1 form C (1 CO)
1 form B (1 NC)
1 form A (1 NO)
250VAC
30A
7500VA
AgCdO, AgSnInO
1A at 5VDC or 12VAC
1 form A (1NO)
277VAC (1.5mm gap), 250VAC
(1.8mm gap)
35A (T9S) , 40A (T9V)
9695VA (T9S), 10000VA (T9V)
AgNi
1A at 5VDC/12VAC
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC
5 to 110VDC
900mW
DC
6 to 48VDC
1W/900mW
Monostable
12VDC
2.25W
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Clearance/creepage
between contact and coil
1500Vrms
4000Vrms
6.4mm / 9.5mm (UL)
8mm / 8mm (IEC)
1500Vrms
2500Vrms
3.1/6.3mm
2500Vrms
4000Vrms
3/4mm
Other Data
Ambient temperature (max.)
Category of environmental
protection IEC61810
Terminal type
Mounting
Dimensions (lwh)
+105°C
RTII, RTIII
THT/Quick connect
PCB
29x21.5x15.7mm
+85°C
RT0, RTI, RTII, RTIII
THT/Quick connect
PCB, panel mount
32.3x27.4x20.4mm
+85°C
RTII/RTIII
PCB
PCB
32x27x20mm
Accessories
Link to datasheet
Potter & Brumfield T9G
Potter & Brumfield T9A
Potter & Brumfield T9V
Potter & Brumfield T9S
Key Features
Footprint
2) see footnote below
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com