Electronic Components Datasheet Search
  English  ▼

X  

PCH Datasheet(PDF) 15 Page - TE Connectivity Ltd

Part # PCH
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCH Datasheet(HTML) 15 Page - TE Connectivity Ltd

Back Button PCH Datasheet HTML 11Page - TE Connectivity Ltd PCH Datasheet HTML 12Page - TE Connectivity Ltd PCH Datasheet HTML 13Page - TE Connectivity Ltd PCH Datasheet HTML 14Page - TE Connectivity Ltd PCH Datasheet HTML 15Page - TE Connectivity Ltd PCH Datasheet HTML 16Page - TE Connectivity Ltd PCH Datasheet HTML 17Page - TE Connectivity Ltd PCH Datasheet HTML 18Page - TE Connectivity Ltd PCH Datasheet HTML 19Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
PAGE 15
Force Guided Relays
Relays, Contactors & Circuit Breakers
Key Features
Footprint
2) see footnote below
Applications
Safety modules
Process technology
Elevator and escalator control
Safety modules
Process technology
Elevator and escalator control
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Contact material
Min. recommended contact load
3 form A + 1 form B (3 NO + 1 NC)
2 form A + 2 form B (2 NO + 2 NC)
3 form A + 3 form B (3 NO + 3 NC)
4 form A + 2 form B (4 NO + 2 NC)
5 form A + 1 form B (5 NO + 1 NC)
250VAC
8A
2000VA
AgSnO
2
10mA at 5VDC
2 form B + 5 form A (2 NC + 5 NO)
250VAC
6A
1500VA
Ag alloy
10mA at 5VDC
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC
5 to 110VDC
1200/800mW
DC
5 to 110VDC
700mW
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Clearance/creepage
between contact and coil
1500Vrms
4000Vrms
3000/4000Vrms
5.5/5.5mm, 15/15mm
1000Vrms
2500/4000Vrms
2500/4000Vrms
≥3/4mm and ≥5.5/5.5mm
Other Data
Ambient temperature (max.)
Category of environmental protection IEC61810
Terminal type
Mounting
Dimensions (lwh)
+70°C
RTIII
THT
PCB
55x16.5x16.5mm
+85°C
RTII
THT
PCB
55.5x33.8x10.8mm
Accessories
Link to datasheet
SCHRACK SR6
SCHRACK SRL7
SCHRACK SR6
4/6 pole relay with force guided contacts
according to EN50205
Reinforced insulation between all
contacts depending on version
SCHRACK SRL7
7 pole relay with force guided contacts
according to EN50205
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com