Electronic Components Datasheet Search
  English  ▼

X  

PCH Datasheet(PDF) 33 Page - TE Connectivity Ltd

Part # PCH
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCH Datasheet(HTML) 33 Page - TE Connectivity Ltd

Back Button PCH Datasheet HTML 29Page - TE Connectivity Ltd PCH Datasheet HTML 30Page - TE Connectivity Ltd PCH Datasheet HTML 31Page - TE Connectivity Ltd PCH Datasheet HTML 32Page - TE Connectivity Ltd PCH Datasheet HTML 33Page - TE Connectivity Ltd PCH Datasheet HTML 34Page - TE Connectivity Ltd PCH Datasheet HTML 35Page - TE Connectivity Ltd PCH Datasheet HTML 36Page - TE Connectivity Ltd PCH Datasheet HTML 37Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
PAGE 33
Circuit Breakers
Relays, Contactors & Circuit Breakers
Key Features
Typical Applications
HVAC (Transformers), General Aviation, Medical, Marine
Power Supplies, Lighting, Surge Protection
Audio, Pool and Spa, Appliances, Industrial Controls
Generators, General Aviation, Medical, Marine
Power Supplies, Lighting, Surge Protection
Audio, Pool and Spa, Appliances,
Industrial Controls
Operational Data
Type
Number of Poles
Circuit function
Ambient temperature (max.)
Terminal type
Mounting
Manual operation Actuator
Dimension L*W*H
Thermal
1
Series trip
-20 to +60 °C
Standard quick connect .250in x .032in
Snap-in
Push-to-reset
39.0 x 15.9 x 13.7mm
Thermal
1
Series trip
-20 to +65°C
#8-32 screw
Thru-hole 3/8"-24 threaded bushing
Push/pull W23 and toggle W31
40.6x17.5x35.2mm
Electrical Data
Dielectric strength
Insulation Resistance
Max Operating Voltages
Rated current
Interrupt capacity
Calibration
Resetable Overload Capacity
Reset Time
1500Vrms
32VDC 250VAC, 50/60Hz
0.5A to 20A
1,000 amps at 250VAC, 50/60 Hz. and 32VDC in
accordance with UL standard 1077.
Will continuously carry 100% of rating. 3-20 amp
models – may trip between 101% and 134%, but must
trip at 135% of rating within one hour at +25°C.
0.25-2 amp models – may trip between 101% and
174%, but must trip at 175% of rating within one hour
at +25°C.
Six times rated current for 0.25 through 2 amp
models. Ten times rated current for 3 through 20
amp models.
180 seconds max. for 0.25 through 2 amp models.
5 to 30 seconds for 3 through 20 amp models.
1500Vrms
50VDC 240VAC to (400Hz)
1A to 50A
With 4X Max. Series Fuse Protectio
n
0.5-50 amp models — 1000 amps at 240VAC.
30-50 amp models — 1000 amps at 50VDC.
Without 4X Max. Series Fuse Protection
0.5-25 amp models — 2000 amps at 50VDC.
10-20 amp models — 2000 amps at 120VAC
Continuously carry 100% of rating, may
trip between 101% and 134% of rating at
25°C. Must trip at 135% in one hour.
Ten times rated current.
Accessories
Protective boot, push-on lockwasher
Hex nut, lockwasher, knurl nut
Link to datasheet
Potter & Brumfield W28
Potter & Brumfield W23/W31
Potter & Brumfield W28
Thermal Overload / Trip Free Operation
Replaces slow blow glass cartridge fuse and holder
Button provides visible trip indication
Push-to-reset
Snap-in mounting
UL 1077, CSA, VDE, CCC (16A/20A not VDE)
PCB mount not applicable.
Visit
TE.com for more information
PCB mount not applicable.
Visit
TE.com for more information
Potter & Brumfield W23/W31
Thermal Overload / Trip Free Operation
Toggle or Push/Pull Actuation
Cannot be reset against overload
On/Off switching option
UL 1077, CSA
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com