Electronic Components Datasheet Search
  English  ▼

X  

CC2520 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # CC2520
Description  2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2520 Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC2520 Datasheet HTML 45Page - Texas Instruments CC2520 Datasheet HTML 46Page - Texas Instruments CC2520 Datasheet HTML 47Page - Texas Instruments CC2520 Datasheet HTML 48Page - Texas Instruments CC2520 Datasheet HTML 49Page - Texas Instruments CC2520 Datasheet HTML 50Page - Texas Instruments CC2520 Datasheet HTML 51Page - Texas Instruments CC2520 Datasheet HTML 52Page - Texas Instruments CC2520 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 134 page
background image
CC2520 DATASHEET
2.4 GHZ IEEE 802.15.4/ZIGBEE® RF TRANSCEIVER
SWRS068 – DECEMBER 2007
WWW.TI.COM
49
OPCODE
Inputs
Outputs
Description
Possible exceptions
CTR
p
k[7:0]
c[6:0]
n[7:0]
a[11:0]
e[11:0]
s[7:0]
Encryption instruction using counter mode encryption.
Process C bytes of plaintext with a starting address at A
using the key stored at address (16
⋅K), the counter
stored at address (16
⋅N) storing the output starting at
address E.
The priority of the instruction is defined by P, which is
either low (if P=0) or high (if P=1).
If the destination address E provided in the instruction
equals zero, the destination address E is set equal to A,
thereby replacing the plaintext directly with the ciphertext
(or vice versa, in the case of an UCTR instruction).
The output is C encrypted bytes processed according to
802.15.4 standard for security level 4 (CTR).
A USAGE_ERROR exception is raised if an instruction is
already active with the requested priority level (high or
low).
A DPU_DONE_L or DPU_DONE_H exception is raised
when the operation completes, depending on the priority
of the instruction. This happens regardless of whether
the operation was successful or not.
MEMADDR_ERROR
USAGE_ERROR
DPU_DONE_L
DPU_DONE_H
UCTR
p
k[7:0]
c[6:0]
n[7:0]
a[11:0]
e[11:0]
s[7:0]
Decryption instruction using CTR mode decryption.
This instruction is the same as CTR, since counter mode
encryption and decryption are symmetrical operations.
MEMADDR_ERROR
USAGE_ERROR
DPU_DONE_L
DPU_DONE_H
CBCMAC
p
k[7:0]
c[6:0]
a[11:0]
e[11:0]
m[2:0]
s[7:0]
Authentication instruction using CBC-MAC security.
Process C bytes of plaintext starting at address A, using
the key stored at address (16
⋅K)
T
,
T
storing the output
starting at address E.
The priority of the instruction is defined by P, which is
either low (if P=0) or high (if P=1).
If the destination address E provided in the instruction
equals zero, the destination address E is set equal to (A
+ C), thereby writing the output directly following the
plaintext input data.
The output is 4, 8, or 16 bytes of integrity code for
instructions M[1:0] equals 1, 2, or 3 respectively. For
M[1:0]=0, no integrity code output is generated.
If M[2]=0, the plaintext data to be authenticated is
automatically prefixed with C, as used in IEEE 802.15.4-
2003.
If M[2]=1, the plaintext data is not prefixed with C. This
mode can be used for backwards compatibility with
existing systems.
A USAGE_ERROR exception is raised if an instruction is
already active with the requested priority level (high or
low).
A DPU_DONE_L or DPU_DONE_H exception is raised
when the operation completes, depending on the priority
of the instruction. This happens regardless of whether
the operation was successful or not.
MEMADDR_ERROR
USAGE_ERROR
DPU_DONE_L
DPU_DONE_H
OPERAND_ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com