Electronic Components Datasheet Search
  English  ▼

X  

CC2520 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CC2520
Description  2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2520 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC2520 Datasheet HTML 8Page - Texas Instruments CC2520 Datasheet HTML 9Page - Texas Instruments CC2520 Datasheet HTML 10Page - Texas Instruments CC2520 Datasheet HTML 11Page - Texas Instruments CC2520 Datasheet HTML 12Page - Texas Instruments CC2520 Datasheet HTML 13Page - Texas Instruments CC2520 Datasheet HTML 14Page - Texas Instruments CC2520 Datasheet HTML 15Page - Texas Instruments CC2520 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 134 page
background image
CC2520 DATASHEET
2.4 GHZ IEEE 802.15.4/ZIGBEE® RF TRANSCEIVER
SWRS068 – DECEMBER 2007
12
WWW.TI.COM
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
XOSC off, digital regulator on. State retention.
175
250
µA
LPM1 current
TA=-40 to 125°C, VDD=1.8 to 3.8 V, fc =2394 to 2507 MHz
1000
µA
XOSC off, digital regulator off. No state retention.
30
120
nA
LPM2 current
TA=-40 to 125°C, VDD=1.8 to 3.8 V, fc =2394 to 2507 MHz
4.5
µA
5.5
Receive Parameters
TA =25°C, VDD=3.0 V, fc =2440 MHz if nothing else stated. All parameters measured on Texas Instruments’ CC2520 EM 2.1 reference design with 50 Ω load
.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
[2] requires -85 dBm
-99
-98
-95
dBm
Receiver sensitivity
TA=-40 to 125°C, VDD=1.8 to 3.8V, fc =2394 to 2507 MHz
-88
dBm
Saturation
[2] requires -20 dBm
6
dBm
Wanted signal 3 dB above the sensitivity level, 802.15.4 modulated
interferer at 802.15.4 channels:
±5 MHz from wanted signal. [2] requires 0 dB
49
dB
±10 MHz from wanted signal. [2] requires 30 dB
54
dB
Interferer Rejection
±20MHz or above. Wanted signal at -82dBm.
55
dB
30 – 1000 MHz
< -80
dBm
Maximum Spurious
Emission
Conducted measurement in
a 50Ω single ended load.
Complies with EN 300 328,
EN 300 440 class 2, FCC
CFR47, Part 15 and ARIB
STD-T-66
1 – 12.75 GHz
-56
dBm
Frequency error
tolerance
Input level is 3 dB above sensitivity level.
+/-400
kHz
IIP3
-24
dBm
5.6
Frequency Synthesizer Parameters
TA =25°C, VDD=3.0 V, fc =2440 MHz if nothing else stated. All parameters measured on Texas Instruments’ CC2520 EM 2.1 reference design with 50 Ω load
.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
At ±1 MHz offset from carrier
-111
dBc/Hz
At ±2 MHz offset from carrier
-118
dBc/Hz
Phase noise.
Unmodulated carrier
At ±5 MHz offset from carrier
-128
dBc/Hz
RF Frequency range
Programmable in 1 MHz steps. Use 5 MHz steps for compliance
with [2].
2394
2507
MHz
5.6.1
Transmit Parameters
TA =25°C, VDD=3.0 V, fc =2440 MHz if nothing else stated. All parameters measured on Texas Instruments’ CC2520 EM 2.1 reference design with 50 Ω load
.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
0 dBm setting
-3
1
5
dBm
+5 dBm setting
2
5
7
dBm
TA=-40 to 85°C, VDD=2.0 to 3.8 V, fc =2394 to 2507 MHz
-3
8
dBm
TA=-40 to 85°C , VDD=1.8 to 3.8 V, fc =2394 to 2507 MHz
-4
8
dBm
TA=-40 to 125°C, VDD=2.0 to 3.8 V, fc =2394 to 2507 MHz
-6
8
dBm
Output power
Note: to reduce the output
power variation over
temperature, it is suggested
that different settings are
used at different
temperatures. The on-chip
temperature sensor can be
used for this purpose.
Please see section 5.11 for
more information.
TA=-40 to 125°C, VDD=1.8 to 3.8 V, fc =2394 to 2507 MHz
-9
8
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com