Electronic Components Datasheet Search
  English  ▼

X  

CC2520 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # CC2520
Description  2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2520 Datasheet(HTML) 69 Page - Texas Instruments

Back Button CC2520 Datasheet HTML 65Page - Texas Instruments CC2520 Datasheet HTML 66Page - Texas Instruments CC2520 Datasheet HTML 67Page - Texas Instruments CC2520 Datasheet HTML 68Page - Texas Instruments CC2520 Datasheet HTML 69Page - Texas Instruments CC2520 Datasheet HTML 70Page - Texas Instruments CC2520 Datasheet HTML 71Page - Texas Instruments CC2520 Datasheet HTML 72Page - Texas Instruments CC2520 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 134 page
background image
CC2520 DATASHEET
2.4 GHZ IEEE 802.15.4/ZIGBEE® RF TRANSCEIVER
SWRS068 – DECEMBER 2007
WWW.TI.COM
69
19.4
TX Flow Diagram
Figure 17 summarizes the previous sections in a flow diagram:
Frame transmitted successfully
Incomplete or no frame transmission
Write a frame to the TX
buffer using:
-TXBUF
- TXBUFCP
- Memory access
- A combination of
these methods
This can be done
before, after or in
parallel with the TX
strobe.
STXONCCA
STXON
SSAMPLECCA
No
No
(SAMPLED_CCA = 0)
Yes
(SAMPLED_CCA = 1)
TX completes?
TX_FRM_DONE
TX started?
Yes
Next time...
To retransmit the
current frame...
Why?
To retransmit or
transmit a
different frame...
TX is aborted by
SRXON,
STXON or SRFOFF
TX_OVERFLOW
TX buffer overfilled
Error condition
To transmit a
different frame...
Next time...
To (re)transmit
what is
currently in
the TX buffer...
To transmit a
different frame...
SFLUSHTX
SFLUSHTX
Error condition
(left side of the flow
diagram should be
ignored since the TX
buffer is corrupted)
TX_UNDERFLOW
To retransmit or
transmit a
different frame...
SFLUSHTX
Write the next
frame to the TX
buffer
(before, after or in
parallel with the
TX strobe)
Write the new
frame to the TX
buffer
(before, after or in
parallel with the
TX strobe)
Write the next
frame to the TX
buffer
(before, after or in
parallel with the
TX strobe)
Write the new
frame to the TX
buffer
(before, after or in
parallel with the
TX strobe)
No
(SAMPLED_CCA = 0)
Success?
Yes
(SAMPLED_CCA = 1)
No CSMA-CA
Unslotted CSMA-CA
Slotted CSMA-CA
Between two transmissions there can be multiple other activities such as frame reception, RX FIFO access and acknowledgment transmission (using SACK, SACKPEND or
AUTOACK), or idle periods (random backoffs). This will have no side effects on the state of the TX buffer.
The placement of the SFLUSHTX strobe in the diagram shows the latest point in time where this strobe can be executed. If fewer special cases is desired, it is always possible to
use the SFLUSHTX strobe and then load or reload TXBUF with the next frame to be transmitted.
Restart from the
top of the diagram
If anything is
written to the TX
buffer, it will be
appended to the
current data.
Data buffering
Restart from the
top of the diagram
Do not write
anything to the TX
buffer
Restart from the
top of the diagram
Restart from the
top of the diagram
Restart from the
top of the diagram
Restart from the
top of the diagram
Figure 17: TX flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com