Electronic Components Datasheet Search
  English  ▼

X  

CC2520 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # CC2520
Description  2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2520 Datasheet(HTML) 97 Page - Texas Instruments

Back Button CC2520 Datasheet HTML 93Page - Texas Instruments CC2520 Datasheet HTML 94Page - Texas Instruments CC2520 Datasheet HTML 95Page - Texas Instruments CC2520 Datasheet HTML 96Page - Texas Instruments CC2520 Datasheet HTML 97Page - Texas Instruments CC2520 Datasheet HTML 98Page - Texas Instruments CC2520 Datasheet HTML 99Page - Texas Instruments CC2520 Datasheet HTML 100Page - Texas Instruments CC2520 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 134 page
background image
CC2520 DATASHEET
2.4 GHZ IEEE 802.15.4/ZIGBEE® RF TRANSCEIVER
SWRS068 – DECEMBER 2007
WWW.TI.COM
97
If the last block of plaintext is not 16 bytes long, only the required number of bits (from the MSB end) from
the encryption is used in the XOR operation.
The UCTR instruction performs counter mode decryption and is absolutely identical to the CTR instruction
because counter mode encryption and decryption are symmetrical operations.
26.7
CBC-MAC
The CBC-MAC instruction performs authentication.
Note that if M[1:0]=0 no authentication code is output. For other values of M[1:0] the number of
authentication bytes that are output is 2
M[1:0]+1. If M[2]=0 the plaintext data is prefixed with the value of C
expanded to 8 bits by concatenation of a 0 at the MSB end.
26.8
CCM / UCCM
The CCM instruction uses both CBC-MAC and CTR to perform both authentication and encryption. It
supports the CCM* mode of operation as specified in IEEE 802.14.5-2006 [2].
The authentication (CBC-MAC) part calculates a Message Integrity Code (MIC) over the address range A to
A+F+C-1. The resulting MIC is encrypted with CTR mode encryption using the counter value with index 0.
The encryption (CTR) part encrypts the address range A+F to A+F+C-1 using CTR mode encryption and
counter values with index 1 and up, and thus generates C bytes of ciphertext.
The output which is the concatenation of the ciphertext and the encrypted MIC is written to memory starting
at address E.
The UCCM instruction decrypts the ciphertext in the address range A+F to A+F+C-1 using CTR mode
decryption. A MIC is then generated in the same way as for the CCM instruction, and compared to the MIC
in the input data. The result of the MIC comparison is stored in the DPUSTAT register.
26.8.1 Inputs to the CCM and UCCM Instructions
The input parameters to the CCM and UCCM instructions are described in detail in Figure 38 and Figure 39
with notes on how they related to the terminology used in the IEEE 802.15.4 specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com