Electronic Components Datasheet Search
  English  ▼

X  

CC2520 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # CC2520
Description  2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2520 Datasheet(HTML) 89 Page - Texas Instruments

Back Button CC2520 Datasheet HTML 85Page - Texas Instruments CC2520 Datasheet HTML 86Page - Texas Instruments CC2520 Datasheet HTML 87Page - Texas Instruments CC2520 Datasheet HTML 88Page - Texas Instruments CC2520 Datasheet HTML 89Page - Texas Instruments CC2520 Datasheet HTML 90Page - Texas Instruments CC2520 Datasheet HTML 91Page - Texas Instruments CC2520 Datasheet HTML 92Page - Texas Instruments CC2520 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 134 page
background image
CC2520 DATASHEET
2.4 GHZ IEEE 802.15.4/ZIGBEE® RF TRANSCEIVER
SWRS068 – DECEMBER 2007
WWW.TI.COM
89
24 Random Number Generation
CC2520 can output random bits in two different ways. Common for these are that the chip should be in RX
when generation of random bits are required. One must also make sure that the chip has been in RX long
enough for the transients to have died out. A convenient way to do this is to wait for the RSSI valid signal to
go high.
• Single random bits from either the I or Q channel (configurable) can be output on GPIO pins at a rate of
8MHz. One can also select to xor the I and Q bits before they are output on a GPIO pin. These bits are
taken from the least significant bit in the I and/or Q channel after the decimation filter in the demodulator.
• CC2520 supports an instruction called RANDOM that allows the user to read randomly generated bytes
over the SPI. These bytes are generated from the least significant bit of the I channel output from the
channel filter in the demodulator.
ADC I
ADC Q
Decimator
I
Decimator
Q
Channel
filter I
Channel
filter Q
GPIO
SPI
LSB
Figure 31: Random bit generation in the demodulator
A simple test of the RANDOM instruction shows satisfactory performance for most practical uses. About 20
million bytes were read using the RANDOM instruction. When interpreted as unsigned integers between 0
and 255, the mean value was 127.6518, which indicates that there is a DC component.
The FFT of the 2
14 first bytes is shown in Figure 33. Note that the DC component is clearly visible. A
histogram (32 bins) of the 20 million values is shown in Figure 34.
-3
-2
-1
0
1
2
3
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency [rad]
Figure 32: FFT of the random bytes
0
50
100
150
200
250
6
6.05
6.1
6.15
6.2
6.25
6.3
6.35
6.4
6.45
6.5
x 10
5
Figure 33: Histogram of 20 million bytes generated
with the RANDOM instruction
For the first 20 million individual bits, the probability of a one is P(1)=0.500602 and P(0)=1-P(1)=0.499398.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com